Electronic Components Datasheet Search
  English  ▼

X  

AD9631 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9631
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9631 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9631 Datasheet HTML 12Page - Analog Devices AD9631 Datasheet HTML 13Page - Analog Devices AD9631 Datasheet HTML 14Page - Analog Devices AD9631 Datasheet HTML 15Page - Analog Devices AD9631 Datasheet HTML 16Page - Analog Devices AD9631 Datasheet HTML 17Page - Analog Devices AD9631 Datasheet HTML 18Page - Analog Devices AD9631 Datasheet HTML 19Page - Analog Devices AD9631 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD9631/AD9632
Data Sheet
Rev. D | Page 16 of 20
PULSE RESPONSE
Unlike a traditional voltage feedback amplifier, where the slew
speed is dictated by its front end dc quiescent current and gain
bandwidth product, the AD9631/AD9632 provide on-demand
current that increases proportionally to the input step signal
amplitude. This results in slew rates (1300 V/µs) comparable
to wideband current feedback designs. This, combined with
relatively low input noise current (2.0 pA/√Hz), gives the
AD9631/AD9632 the best attributes of both voltage and
current feedback amplifiers.
LARGE SIGNAL PERFORMANCE
The outstanding large signal operation of the AD9631 and
AD9632 is due to a unique, proprietary design architecture. To
maintain this level of performance, the maximum 550 V × MHz
product must be observed (for example, @ 100 MHz, VOUT ≤
5.5 V p-p).
POWER SUPPLY BYPASSING
Adequate power supply bypassing can be critical when optimiz-
ing the performance of a high frequency circuit. Inductance in
the power supply leads can form resonant circuits that produce
peaking in the amplifier’s response. In addition, if large current
transients must be delivered to the load, then bypass capacitors
(typically greater than 1 µF) will be required to provide the best
settling time and lowest distortion. A parallel combination of at
least 4.7 µF, and between 0.1 µF and 0.01 µF, is recommended.
Some brands of electrolytic capacitors will require a small series
damping resistor ≈4.7 Ω for optimum results.
DRIVING CAPACITIVE LOADS
The AD9631/AD9632 were designed primarily to drive non-
reactive loads. If driving loads with a capacitive component is
desired, the best frequency response is obtained by the addition
of a small series resistance as shown in Figure 62. Figure 63
shows the optimum value for RSERIES vs. capacitive load. It is
worth noting that the frequency response of the circuit when
driving large capacitive loads will be dominated by the passive
roll-off of RSERIES and CL.
Figure 62. Driving Capacitive Loads
Figure 63. Recommended RSERIES vs. Capacitive Load
RF
RSERIES
RIN
RIN
CL
RL
1kΩ
AD9631/
AD9632
40
30
20
10
0
10
20
5
15
25
CL (pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com