Electronic Components Datasheet Search
  English  ▼

X  

TDA9845 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA9845
Description  TV and VTR stereo/dual sound processor with digital identification
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9845 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA9845 Datasheet HTML 3Page - NXP Semiconductors TDA9845 Datasheet HTML 4Page - NXP Semiconductors TDA9845 Datasheet HTML 5Page - NXP Semiconductors TDA9845 Datasheet HTML 6Page - NXP Semiconductors TDA9845 Datasheet HTML 7Page - NXP Semiconductors TDA9845 Datasheet HTML 8Page - NXP Semiconductors TDA9845 Datasheet HTML 9Page - NXP Semiconductors TDA9845 Datasheet HTML 10Page - NXP Semiconductors TDA9845 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1995 Mar 20
7
Philips Semiconductors
Preliminary specification
TV and VTR stereo/dual sound processor
with digital identification
TDA9845
Power supply
The different supply voltages and currents required for the
analog and digital circuits are derived from an internal
band-gap reference circuit. The AF reference voltage is
1
⁄2VP. For a fast setting to 1⁄2VP an internal start-up circuit
is added. A good ripple rejection is achieved with the
external capacitor Cref = 100 µF/16 V in conjunction with
the high ohmic input of the 1
⁄2VP pin (pin 7). No additional
DC load on this pin is allowed.
Power-on reset
When a power-on reset is activated by switching on the
supply voltage or because of a supply voltage breakdown,
the 117/274 Hz DPLL, the 117/274 Hz integrator and the
logic will be reset. The AF channel (Main) is muted
(
≤1 ms).
ESD protection
All pins are ESD protected. The protection circuits
represent the latest state of the art.
Internal circuit
The internal pin loading diagram is given in Fig.7.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Charge device model class A: discharging a 200 pF capacitor through a
Ω series resistor.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage (pin 18)
−0.3
10
V
Vi
voltage at pins 1, 2 and 20
−0.3
9.0
V
Vi
voltage at pins 3 to 13, 17 and 19
−0.3
VP
V
Vi
voltage at pins 14 and 15
−0.3
10
V
Tstg
storage temperature
−25
+150
°C
Tamb
operating ambient temperature
0
+70
°C
Vesd
electrostatic handling for all pins
note 1
−500
+500
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
DIP20
73
K/W
SO20
90
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com