Electronic Components Datasheet Search
  English  ▼

X  

TDA9845 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9845
Description  TV and VTR stereo/dual sound processor with digital identification
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9845 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9845 Datasheet HTML 1Page - NXP Semiconductors TDA9845 Datasheet HTML 2Page - NXP Semiconductors TDA9845 Datasheet HTML 3Page - NXP Semiconductors TDA9845 Datasheet HTML 4Page - NXP Semiconductors TDA9845 Datasheet HTML 5Page - NXP Semiconductors TDA9845 Datasheet HTML 6Page - NXP Semiconductors TDA9845 Datasheet HTML 7Page - NXP Semiconductors TDA9845 Datasheet HTML 8Page - NXP Semiconductors TDA9845 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1995 Mar 20
2
Philips Semiconductors
Preliminary specification
TV and VTR stereo/dual sound processor
with digital identification
TDA9845
FEATURES
• Supply voltage 5 to 8 V
• Source selector
• Stereo matrix
• AF input for mono source
• AF outputs for Main
• LED operation mode indication (stereo and dual)
• High identification reliability.
GENERAL DESCRIPTION
The TDA9845 is a stereo/dual sound processor for TV and
VTR sets. Its identification ensures safe operation by using
internal digital PLL technique with extremely small
bandwidth, synchronous detection and digital integration
(switching time maximum 2.1 s; identification concerning
the main functions).
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pin 18)
4.5
5
8.8
V
IP
supply current (pin 18)
without LED current
12
13
16.5
mA
Vi(rms)
nominal input signal voltage
(Vi1, Vi2, Vi3) (RMS value)
54% modulation
B/G
−
250
−
mV
L (only for Vi1)
−
500
−
mV
Vo(rms)
nominal output signal voltage
(RMS value)
54% modulation
−
500
−
mV
Vo(rms)
clipping level of the output signal
voltages (RMS value)
THD
≤1.5%
VP = 5 V
1.4
1.6
−
V
VP = 8 V
2.4
2.65
−
V
ILON
input current
LED ON
−−
12
mA
Vi pil
input voltage sensitivity of pilot
frequency
unmodulated
5
−
100
mV
S/N(W)
weighted signal-to-noise ratio
“CCIR468-3”66
75
−
dB
THD
total harmonic distortion
−
0.2
0.3
%
Tamb
operating ambient temperature range
0
−
+70
°C
fident
identification window width
STEREO
2.2
−
2.2
Hz
DUAL
2.3
−
2.3
Hz
tident ON
total identification time ON
0.35
−
2.1
s
Vi tuner
identification voltage sensitivity
−
28
−
dB
µV
∆fpil
pull-in frequency range of pilot PLL
fω = 10.008 MHz
lower side
−296 −−296 Hz
upper side
302
−
302
Hz
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9845
DIP20
plastic dual in-line package; 20 leads (300 mil)
SOT146-1
TDA9845T
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com