Electronic Components Datasheet Search
  English  ▼

X  

GP24BC01 Datasheet(PDF) 3 Page - GTM CORPORATION

Part # GP24BC01
Description  2-WIRE SERIAL EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GP24BC01 Datasheet(HTML) 3 Page - GTM CORPORATION

  GP24BC01 Datasheet HTML 1Page - GTM CORPORATION GP24BC01 Datasheet HTML 2Page - GTM CORPORATION GP24BC01 Datasheet HTML 3Page - GTM CORPORATION GP24BC01 Datasheet HTML 4Page - GTM CORPORATION GP24BC01 Datasheet HTML 5Page - GTM CORPORATION GP24BC01 Datasheet HTML 6Page - GTM CORPORATION GP24BC01 Datasheet HTML 7Page - GTM CORPORATION GP24BC01 Datasheet HTML 8Page - GTM CORPORATION GP24BC01 Datasheet HTML 9Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
GP24BC01/02/02/04/08/16
Page: 3/9
ISSUED DATE :2006/08/17
REVISED DATE :
Memory Organization
The internal memory organization for the GP24BC family is arranged differently for each of the densities. The
GP24BC01, for instance, is internally organized as 16 pages of 8 bytes each and requires a 7-bit data word
address. The GP24BC16, on the other hand, is organized as 128 pages of 16 bytes each with an 11-bit data
word address. The table below summarizes these differences.
Density
# of pages
Bytes per page Data word address length
GP24BC01 (1K)
16 pages
8 bytes
7 bits
GP24BC02 (2K)
32 pages
8 bytes
8 bits
GP24BC04 (4K)
32 pages
16 bytes
9 bits
GP24BC08 (8K)
64 pages
16 bytes
10 bits
GP24BC16 (16K)
128 pages
16 bytes
11 bits
PIN Capacitance
Applicable over recommended operating range from TA=25 : , f=1.0MHz, Vcc=+1.8V
Symbol
Test Condition
Max
Unit
Condition
CI/O
Input/Output Capacitance (SDA)
8
pF
VI/O=0V
CIN
Input Capacitance (A0, A1, A2, SCL)
6
pF
VIN=0V
Note: 1.This parameter is characterized and not 100% tested.
DC Characteristics
Applicable over recommended operating range from: TA=-40 ~ +85 : , VCC=+1.8 ~ +5V (unless otherwise noted)
Parameter
Symbol
Test Condition
Min
TYP
Max
Unit
Supply Voltage
VCC1
1.8
-
5.5
V
Supply Voltage
VCC2
2.7
-
5.5
V
Supply Voltage
VCC3
4.5
-
5.5
V
Supply Current VCC=5.0V
ICC
READ at 100KHz
-
0.4
1.0
mA
Supply Current VCC=5.0V
ICC
WRITE at 100KHz
-
2.0
3.0
mA
Standby Current VCC=1.8V
ISB1
VIN= VCC or VSS
-
0.6
3.0
A
Standby Current VCC=2.5V
ISB2
VIN= VCC or VSS
-
1.4
4.0
A
Standby Current VCC=5.5V
ISB3
VIN= VCC or VSS
-
5.0
18
A
Input Leakage Current
ILI
VIN= VCC or VSS
-
0.2
5.0
A
Output Leakage Current
ILO
VOUT= VCC or VSS
-
0.1
5.0
A
Input Low Level (1)
VIL
-0.6
-
VCCx0.3
V
Input High Level (1)
VIH
VCCx0.7
-
VCC+0.5
V
Output Low Level VCC=3.0V
VOL2
IOL=2.1mA
-
-
0.4
V
Output Low Level VCC=3.0V
VOL1
IOL=0.15mA
-
-
0.2
V
Note 1: VIL and VIH max are reference only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com