Electronic Components Datasheet Search
  English  ▼

X  

GP24BC01 Datasheet(PDF) 7 Page - GTM CORPORATION

Part # GP24BC01
Description  2-WIRE SERIAL EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GP24BC01 Datasheet(HTML) 7 Page - GTM CORPORATION

  GP24BC01 Datasheet HTML 1Page - GTM CORPORATION GP24BC01 Datasheet HTML 2Page - GTM CORPORATION GP24BC01 Datasheet HTML 3Page - GTM CORPORATION GP24BC01 Datasheet HTML 4Page - GTM CORPORATION GP24BC01 Datasheet HTML 5Page - GTM CORPORATION GP24BC01 Datasheet HTML 6Page - GTM CORPORATION GP24BC01 Datasheet HTML 7Page - GTM CORPORATION GP24BC01 Datasheet HTML 8Page - GTM CORPORATION GP24BC01 Datasheet HTML 9Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
GP24BC01/02/02/04/08/16
Page: 7/9
ISSUED DATE :2006/08/17
REVISED DATE :
Figure 9. Byte Write
Figure 10. Page Write
(
* = DON’T CARE bit for 1K)
Write Operations
Byte/Page Write:
If a write operation is entered (R/W=0) and an acknowledgment is sent, then the next sequence requires an
8-bit data word address. After an acknowledgment is received from this word address, the 1st byte of data can
be loaded. The device will send an acknowledgment after each byte to confirm the transmission.
To being the write cycle, a STOP condition must be issued (refer to Figure 9). Both byte and page write
operations are supported, so the STOP condition can be issued after the 1st byte or the last byte in the page.
When the STOP condition occurs, an internal time is started, all input are disabled, and the EEPROM will not
respond to any more commands until the write cycle is completed.
Note: The number of bytes in a page depends on the density used. If 1K density is used, then the page size is
8 bytes. In contrast, if the 16K density is used, then the page size is 16 bites. Refer to the Memory
Organization section for more details.
The internal page counter is incremented after each byte received, but the row location of the memory page
will always remain the same. Therefore, the device will wrap around to the 1st byte in the page after the last
byte in the page is received. Any further data loaded into the page buffer will overwrite the previous data
loaded.
Acknowledge Polling: After the STOP condition is issued, the write cycle begins. Acknowledge polling can be
initiated by sending a START condition followed by the device address word. If the EEPROM has completed
the internal write cycle and returned to standby mode, the device will respond by sending back an
acknowledgment by pulling the SDA pin low. Otherwise, the sequence will be ignored and no acknowledgment
will be sent.
Read Operations
There are three types of read operations: current address read, random address read, and sequence read. A
random address read can be considered a current address read operation with an additional sequence in the
beginning to load a different address into the internal counter. A sequential read occurs when subsequent
bytes are clocked out after a current address read or random address read occurs.
*
*



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com