Electronic Components Datasheet Search
  English  ▼

X  

GP103A Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GP103A
Description  DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GP103A Datasheet(HTML) 2 Page - GTM CORPORATION

  GP103A Datasheet HTML 1Page - GTM CORPORATION GP103A Datasheet HTML 2Page - GTM CORPORATION GP103A Datasheet HTML 3Page - GTM CORPORATION GP103A Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GP103A
Page: 2/4
ISSUED DATE :2005/12/22
REVISED DATE :
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
36
V
Differential Input Voltage
Vid
36
V
Input Voltage
Vi
-0.3 ~ +36V
V
Maximum Junction Temperature
TJ
150
:
Operating Ambient Temperature Range
Toper
-40 ~ + 105
:
Thermal Resistance junction Ambient Temperature
R JA
150
: /W
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VCC+=5V, no load, Tmin < TA < Tmax
-
0.7
1.2
mA
Total Supply Current,
Excluding Current in the
Voltage Reference
ICC
VCC+=30V, no load, Tmin < TA < Tmax
-
-
2
mA
Operator2 (independent op-amp)
VCC+=+5V, VCC=Ground, VO=1.4V TA=25 : (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Offset Voltage
Vio
TA=25 :
Tmin TA Tmax
-
-
0.5
-
3
5
mV
Input Offset Voltage Drift
DVio
-
7
-
uV/ :
Input Offset Current
Iio
Tmin TA Tmax
-
-
2
-
30
50
nA
Input Bias Current
Iib
Tmin TA Tmax
-
-
20
-
150
200
nA
Large Signal Voltage Gain
Avd
VCC=15V, RL=2k, VO=1.4V to 11.4V
Tmin TA Tmax
50
25
100
-
-
-
V/mV
Supply Voltage
Rejection Ratio
SVR VCC=5V to 30V
65
100
-
dB
Input Common Mode
Voltage Range
Vicm V
CC
=+30V (note1)
Tmin TA Tmax
0
0
-
-
(VCC+)-1.5
(VCC+)-2.0
V
Common Mode
Rejection Ratio
CMR Tmin TA Tmax
70
60
85
-
-
-
dB
Output Current Source
Isource VCC=+15V, VO=2V, Vid=+1V
20
40
-
mA
Short Circuit to Ground
Io
VCC=+15V
-
40
60
mA
Output Current Sink
Isink
VCC=+15V, VO=2V, Vid=-1V
10
20
-
mA
High Level Output Voltage
VOH
VCC+=30V, RL=10k, TA=25 :
Tmin TA Tmax
27
27
28
-
-
-
V
Low Level Output Voltage
VOL
RL=10k
Tmin TA Tmax
-
-
5
-
20
20
mV
Slew Rate at Unity Gain
SR
Vi=0.5V to 3V, VCC=15V, RL=2k,
CL=100pF, Unity Gain
0.2
0.4
-
V/ s
Gain Bandwidth Product
GBP V
CC
=30V, RL=2k, CL=100pF
f=100kHz, Vin=10mV
0.5
0.9
-
MHz
Total Harmonic Distortion
THD V
CC
=30V, RL=2k, CL=100pF
VO=2VPP, f=1kHz, AV=20dB
-
0.02
-
%
Note1: The common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of
the common-mode voltage range is VCC+ -1.5V. But either of both input can go to +36V without damage.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com