Electronic Components Datasheet Search
  English  ▼

X  

GP103A Datasheet(PDF) 3 Page - GTM CORPORATION

Part # GP103A
Description  DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GP103A Datasheet(HTML) 3 Page - GTM CORPORATION

  GP103A Datasheet HTML 1Page - GTM CORPORATION GP103A Datasheet HTML 2Page - GTM CORPORATION GP103A Datasheet HTML 3Page - GTM CORPORATION GP103A Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GP103A
Page: 3/4
ISSUED DATE :2005/12/22
REVISED DATE :
Operator1 (op-amp with non-inverting input connected to the internal Vref)
VCC+=+5V, VCC=Ground, VO=1.4V TA=25 : (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Offset Voltage
Vio
Vicm=0V, TA=25 :
Tmin TA Tmax
-
-
0.5
-
3
5
mV
Input Offset Voltage Drift
DVio
-
7
-
uV/ :
Input Bias Current
Iib
Negative input
-
20
-
nA
Large Signal Voltage Gain
Avd
Vicm=0V
VCC=15V, RL=2k
-
100
-
V/mV
Supply Voltage
Rejection Ratio
SVR Vicm=0V
VCC+=5V to 30V
65
100
-
dB
Output Current Source
Isource VCC=+15V, VO=2V, Vid=+1V
20
40
-
mA
Short Circuit to Ground
Io
VCC=+15V
-
40
60
mA
Output Current Sink
Isink
VCC=+15V, VO=2V, Vid=-1V
10
20
-
mA
High Level Output Voltage
VOH
VCC+=30V, RL=10k, TA=25 :
Tmin TA Tmax
27
27
28
-
-
-
V
Low Level Output Voltage
VOL
RL=10k
Tmin TA Tmax
-
-
5
-
20
20
mV
Slew Rate at Unity Gain
SR
Vi=0.5V to 2V, VCC=15V, RL=2k,
CL=100pF, Unity Gain
0.2
0.4
-
V/ s
Gain Bandwidth Product
GBP V
CC
=30V, RL=2k, CL=100pF
f=100kHz, Vin=10mV
0.5
0.9
-
MHz
Total Harmonic Distortion
THD V
CC
=30V, RL=2k, CL=100pF
VO=2VPP, f=1kHz, AV=20dB
-
0.02
-
%
Voltage Reference
Parameter
Symbol
Test Conditions
Value
Unit
Cathode Current
Ik
1 to 100
mA
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reference Input Voltage
Vref
TA=25 :
Tmin TA Tmax
2.49
2.48
2.5
-
2.51
2.52
V
Reference Input Voltage
Deviation Over Temp. Range
Vref VKA=Vref, IK=10mA , Tmin TA Tmax
-
5
24
mV
Minimum Cathode Current
for Regulation
Imin
VKA=Vref
-
0.5
1
mA
Dynamic Impedance (note2)
ZKA
VKA=Vref,
IK=1 to 100mA, f<1kHz
-
0.2
0.5
Note2: The Dynamic impedance is defined as ZKA =
VKA /
IK



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com