Electronic Components Datasheet Search
  English  ▼

X  

GP24BC02 Datasheet(PDF) 4 Page - GTM CORPORATION

Part # GP24BC02
Description  2-WIRE SERIAL EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GP24BC02 Datasheet(HTML) 4 Page - GTM CORPORATION

  GP24BC02 Datasheet HTML 1Page - GTM CORPORATION GP24BC02 Datasheet HTML 2Page - GTM CORPORATION GP24BC02 Datasheet HTML 3Page - GTM CORPORATION GP24BC02 Datasheet HTML 4Page - GTM CORPORATION GP24BC02 Datasheet HTML 5Page - GTM CORPORATION GP24BC02 Datasheet HTML 6Page - GTM CORPORATION GP24BC02 Datasheet HTML 7Page - GTM CORPORATION GP24BC02 Datasheet HTML 8Page - GTM CORPORATION GP24BC02 Datasheet HTML 9Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
GP24BC01/02/02/04/08/16
Page: 4/9
ISSUED DATE :2006/08/17
REVISED DATE :
AC Characteristics Applicable over recommended operating range from: TA=-40 ~ +85 : ,
VCC=+1.8 ~ 5.5V, CL=1 TTL Gate & 100pF (unless otherwise noted)
Parameter
Symbol
Test Condition
Min
TYP
Max
Unit
Clock Frequency, SCL
fSCL
VCC=1.8V
VCC=2.7 ~ 5.5V
-
-
100
400
KHz
Clock Pulse Width Low
tLOW
VCC=1.8V
VCC=2.7 ~ 5.5V
4.7
1.2
-
-
s
Clock Pulse Width High
tHIGH
VCC=1.8V
VCC=2.7 ~ 5.5V
4.0
0.6
-
-
s
Noise Suppression Time (1)
tI
VCC=1.8V
VCC=2.7 ~ 5.5V
-
-
100
50
ns
Clock Low to Data Out Valid
tAA
VCC=1.8V
VCC=2.7 ~ 5.5V
0.1
0.1
-
4.5
0.9
s
Time the bus must be free before
a new transmission can start (1)
tBUF
VCC=1.8V
VCC=2.7 ~ 5.5V
4.7
1.2
-
-
s
Start Hold Time
tHD.STA
VCC=1.8V
VCC=2.7 ~ 5.5V
4.0
0.6
-
-
s
Start Setup Time
tSU.STA
VCC=1.8V
VCC=2.7 ~ 5.5V
4.7
0.6
-
-
s
Data in Hold Time
tHD.DAT V
CC
=1.8V
VCC=2.7 ~ 5.5V
0
0
-
-
s
Data in Setup Time
tUS.DAT
VCC=1.8V
VCC=2.7 ~ 5.5V
200
100
-
-
ns
Input Rise Time (1)
tR
VCC=1.8V
VCC=2.7 ~ 5.5V
-
-
1.0
0.3
s
Input Fall Time (1)
tF
VCC=1.8V
VCC=2.7 ~ 5.5V
-
-
300
300
ns
Stop Setup Time
tSU.STO V
CC
=1.8V
VCC=2.7 ~ 5.5V
4.7
0.6
-
-
s
Data Out Hold Time
tDH
VCC=1.8V
VCC=2.7 ~ 5.5V
100
50
-
-
ns
Write Cycle Time
tWR
VCC=1.8V
VCC=2.7 ~ 5.5V
-
-
5
5
ms
5.0V, 25 : , Byte Mode
Endurance
(1)
VCC=1.8V
VCC=2.7 ~ 5.5V
1M
1M
-
-
Write
Cycles
Note: 1. This parameter is characterized and not 100% tested.
Device Operation
Clock and Data Transitions: Transitions on the SDA pin should only occur when SCL is low (refer to the Data
Validity timing diagram in Figure 5). If the SDA pin changes when SCL is high, then the transition will be
interpreted as a START or STOP condition.
START Condition: A START condition occurs when the SDA transitions form high to low when SCL is high.
The START signal is usually used to initiate a command (refer to the Start and Stop Definition timing diagram in
Figure 6).
STOP Condition: A STOP condition occurs when the SDA transitions form low to high when SCL is high (refer
to Figure 6. START and STOP Definition timing diagram). The STOP command will put the device into standby
mode after no acknowledgment is issued during the read sequence.
Acknowledge: An acknowledgement is sent by pulling the SDA low to confirm that a word has been
successfully received. All addresses and data words are serially transmitted to and from the EEPROM in 8-bit
words, so acknowledgments are usually issued during the 9th clock cycle.
Standby Mode: Standby mode is entered when the chip is initially powered-on or after a STOP command has
been issued and any internal operations have been completed. .
Memory Reset: In the event of unexpected power or connection loss, a START condition can be issued to
restart the input command sequence. If the device is currently in write cycle mode, this command will be
ignored.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com