Electronic Components Datasheet Search
  English  ▼

X  

GP24BC02 Datasheet(PDF) 6 Page - GTM CORPORATION

Part # GP24BC02
Description  2-WIRE SERIAL EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GP24BC02 Datasheet(HTML) 6 Page - GTM CORPORATION

  GP24BC02 Datasheet HTML 1Page - GTM CORPORATION GP24BC02 Datasheet HTML 2Page - GTM CORPORATION GP24BC02 Datasheet HTML 3Page - GTM CORPORATION GP24BC02 Datasheet HTML 4Page - GTM CORPORATION GP24BC02 Datasheet HTML 5Page - GTM CORPORATION GP24BC02 Datasheet HTML 6Page - GTM CORPORATION GP24BC02 Datasheet HTML 7Page - GTM CORPORATION GP24BC02 Datasheet HTML 8Page - GTM CORPORATION GP24BC02 Datasheet HTML 9Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
GP24BC01/02/02/04/08/16
Page: 6/9
ISSUED DATE :2006/08/17
REVISED DATE :
Figure 6. START & STOP DEFINITION
Figure 7. Output ACKNOWLEDGE
Device Addressing
To enable the chip for a read or write operation, an 8-bit device address word followed by a START condition
must be issued. The 1st four bits of the device address word consists of a mandatory ‘1010’ pattern, while the
2nd four bits depend on the particular density being used (refer to Figure 8):
&In the 1K/2K chip, the next 3 bits should correspond to the hard-wired input A2, A1 and A0 device address
bits.
&In the 4K chip, the next 3 bits are the A2 and A1 device address bits and a memory page address bit. The
two device address bits must compare to their corresponding hard-wired input pins.
&In the 8K chip, the next 3 bits include the A2 device address bits with the next 2 bits used for memory
page addressing. The A2 bit must compare to its corresponding hard-wired input pin.
&In the 16K chip does not use any device address bits but instead the 3 bits are used for memory page
addressing.
Figure 8. Device Address
The memory page address bits, P2, P1 and P0 are used to select the page in the array. P2 represents the
most significant bit, while P1 and P0 are considered the next most significant bits.
The eight bit of the device address determines read or write operation. If the R/W bit is high, then a read
operation is initiated. Otherwise, if the R/W bit is low, then a write operation is started.
After comparing the device address and finding a match, the EEPROM device will issue an acknowledgment
by pulling SDA low. If the comparison fails, the chip will return to standby mode.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com