Electronic Components Datasheet Search
  English  ▼

X  

GP3843 Datasheet(PDF) 3 Page - GTM CORPORATION

Part # GP3843
Description  HIGH PERFORMANCE CURRENT MODE CONTROLERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GP3843 Datasheet(HTML) 3 Page - GTM CORPORATION

  GP3843 Datasheet HTML 1Page - GTM CORPORATION GP3843 Datasheet HTML 2Page - GTM CORPORATION GP3843 Datasheet HTML 3Page - GTM CORPORATION GP3843 Datasheet HTML 4Page - GTM CORPORATION GP3843 Datasheet HTML 5Page - GTM CORPORATION GP3843 Datasheet HTML 6Page - GTM CORPORATION GP3843 Datasheet HTML 7Page - GTM CORPORATION GP3843 Datasheet HTML 8Page - GTM CORPORATION GP3843 Datasheet HTML 9Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CORPORATION
3/9
ISSUED DATE :2004/04/19
REVISED DATE :2004/09/30B
AV
V Output Compensation
V Current Sense Input
Note 1: Maximum Package power dissipation limits must be observed.
Note 2: Adject Vcc above the Startup threshold before setting to 15V.
Note 3: This parameter is measured at the latch trip point with VFB=0V.
Note 4: Comparator gain is defined as::
Characteristics Curve
Under-Voltage Lockout Section
Startup Threshold
Vth
7.8
8.4
9.0
V
Min. Operating Voltage After Turn-on(Vcc) VOPR(min)
7.0
7.6
8.2
V
PWM Section
Maximum Duty Cycle
DC(MAX)
94
96
%
Minimum Duty Cycle
DC(MIN)
0
%
Total Device
Power Startup Supply Current
ICC+IC
VCC=6.5V
0.2
0.3
mA
Power Operating Supply Current
ICC+IC
Note 2
12
17
mA
Power Supply Zener Voltage
Vz
ICC=25mA
30
36
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com