Electronic Components Datasheet Search
  English  ▼

X  

GP3843 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GP3843
Description  HIGH PERFORMANCE CURRENT MODE CONTROLERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GP3843 Datasheet(HTML) 1 Page - GTM CORPORATION

  GP3843 Datasheet HTML 1Page - GTM CORPORATION GP3843 Datasheet HTML 2Page - GTM CORPORATION GP3843 Datasheet HTML 3Page - GTM CORPORATION GP3843 Datasheet HTML 4Page - GTM CORPORATION GP3843 Datasheet HTML 5Page - GTM CORPORATION GP3843 Datasheet HTML 6Page - GTM CORPORATION GP3843 Datasheet HTML 7Page - GTM CORPORATION GP3843 Datasheet HTML 8Page - GTM CORPORATION GP3843 Datasheet HTML 9Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CORPORATION
1/9
ISSUED DATE :2004/04/19
REVISED DATE :2004/09/30B
G
G P
P 33884433
H
H II G
G H
H P
P E
E R
R F
F O
O R
R M
M A
A N
N C
C E
E C
C U
U R
R R
R E
E N
N T
T M
M O
O D
D E
E C
C O
O N
N T
T R
R O
O L
L E
E R
R S
S
Description
The GP3843 is specifically designed for Off-Line and dc-to-dc converter applications offering the designer a cost-effective solution with
minimal external components.
The GP3843 has UVLO thresholds 8.5V(on) and 7.6V(off),ideally suited for off-line converters.
Features
*Trimmed Oscillator for Precise Frequency Control
*Oscillator Frequency Guaranteed at 250kHz
*Current Mode Operation to 500kHz
*Automatic Feed Forward Compensation
*latching PWM for Cycle-By-Cycle Current Limiting
*Internally Trimmed Reference with Undervoltage Lockout
*High Current Totem Pole Output
*Undervoltage Lockout with Hysteresis
*Low Startup and Operating Current
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
-
0.5334
c1
0.203
0.279
A1
0.381
-
D
9.017
10.16
A2
2.921
4.953
E
6.096
7.112
b
0.356
0.559
E1
7.620
8.255
b1
0.356
0.508
e
2.540 BSC
b2
1.143
1.778
HE
-
10.92
b3
0.762
1.143
L
2.921
3.810
c
0.203
0.356
DIP-8L
Function
Description
Pin1:Compensation
This pin is the Error Amplifier output and is made available for loop
compensation.
Pin2:Voltage Feedback
This is the inverting input of the Error Amplifier. It’s normally connected to the
Switching power supply output through a resistor divider.
Pin3:Current Sense
A voltage proportional to inductor current is connected to this input .The
PWM uses this information to terminate the output switch conduction.
Pin4:RT/CT
The oscillator frequency and maximum output duty cycle are programmed by
connecting resistor RT to Vref and capacitor CT to ground .Operation 500kHz
is possible.
Pin5:Ground
This pin is the combined control circuitry and power ground.
Pin6:Output
This output directly drives the gate of a power MOSFET. Peak currents up to
1 A are sourced and sunk by this pin.
Pin7:Vcc
This pin is the positive supply of the control IC.
Pin8:Vref
This is the reference output .It provides charging current for capacitor CT
through resistor RT.
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
VALUE
Unit
Total power Supply and Zener current
(ICC+Iz)
30
mA
Output current, source or sink(note1)
Io
1.0
A
Output energy(capacitive load per cycle)
W
5.0
J
Current sense and voltage feedback inputs
Vin
-0.3 to 5.5
V
SEATING PLANE
e
b
Z
Z
D
SECTION Z - Z
b
GAUGE PLANE
DIP-8


Similar Part No. - GP3843

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP3842 ETC2-GP3842 Datasheet
1Mb / 9P
HIGH PERFORMANCE CURRENT MODE CONTROLERS
logo
GTM CORPORATION
GP3842 GTM-GP3842 Datasheet
1Mb / 9P
HIGH PERFORMANCE CURRENT MODE CONTROLERS
More results

Similar Description - GP3843

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H3842P HSMC-H3842P Datasheet
154Kb / 10P
HIGH PERFORMANCE CURRENT MODE CONTROLERS
H3842S HSMC-H3842S Datasheet
155Kb / 10P
HIGH PERFORMANCE CURRENT MODE CONTROLERS
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
High Performance Current Mode Controller
AX3842 ETC-AX3842 Datasheet
265Kb / 12P
High Performance Current Mode Pwm Controlers
GP3842 ETC2-GP3842 Datasheet
1Mb / 9P
HIGH PERFORMANCE CURRENT MODE CONTROLERS
logo
GTM CORPORATION
GP3842 GTM-GP3842 Datasheet
1Mb / 9P
HIGH PERFORMANCE CURRENT MODE CONTROLERS
GSC3842 GTM-GSC3842 Datasheet
1Mb / 9P
HIGH PERFORMANCE CURRENT MODE CONTROLERS
GSC3843 GTM-GSC3843 Datasheet
1Mb / 9P
HIGH PERFORMANCE CURRENT MODE CONTROLERS
logo
SeCoS Halbleitertechnol...
SPW3842D SECOS-SPW3842D Datasheet
1Mb / 10P
High Performance Current Mode Controlers
SPW3842S SECOS-SPW3842S Datasheet
1Mb / 10P
High Performance Current Mode Controlers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com