Electronic Components Datasheet Search
  English  ▼

X  

NE9002 Datasheet(PDF) 2 Page - NEC

Part # NE9002
Description  Ku-BAND MEDIUM POWER GaAs MESFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE9002 Datasheet(HTML) 2 Page - NEC

  NE9002 Datasheet HTML 1Page - NEC NE9002 Datasheet HTML 2Page - NEC NE9002 Datasheet HTML 3Page - NEC NE9002 Datasheet HTML 4Page - NEC NE9002 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HANDLING PRECAUTIONS
DIE ATTACHMENT
Die attach can be accomplished with Au-Ge (390
± 10°C) preforms in
a forming gas environment. Epoxy die attach is not recommended.
BONDING
Gate and drain bonding wires should be semi-hard gold wire (3 to 8%
elongation) 30 microns or less in diameter.
Bonding should be performed with a wedge tip that has a taper of
approximately 15
°. Die attach and bonding time should be kept to a
minimum. As a general rule, the bonding operation should be kept within
a 300
°Cto10minutecurve.Iflongerperiodsarerequired,thetempera-
ture should be lowered.
PRECAUTIONS
The user must operate in a clean, dry environment. The chip channel
is glassivated for mechanical protection only and does not preclude the
necessity of a clean environment.
The bonding equipment should be periodically checked for sources of
surge voltage and should be properly grounded at all times. In fact, all
test and handling equipment should be grounded to minimize the
possibilities of static discharge.
OUTLINE DIMENSIONS (Units in mm)
400
50
52
430
228
62
130
131
50
S
S
G
D
Die Thickness: 110 to 160
µm
Recommended Bonding Area.
Glassivated Area
Plated Wraparound (Optional)
PACKAGE OUTLINE 75
NE9000, NE9001, NE9002 SERIES
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Drain to Source Voltage
V
20
VGS
Gate to Source Voltage
V
-9
ID
Drain Current
NE900000, NE900075/89
mA
150
NE900100, NE900175
mA
300
NE900200, NE900275
mA
600
IG
Gate Current
NE900000, NE900075/89
mA
1.3
NE900100, NE900175
mA
2.6
NE900200, NE900275
mA
5
POWER DERATING CURVE
3
2
1
0
0
50
100
150
200
NE9002
NE9001
NE9000
Case Temperature, TA (
°C)
φ 1.8
0.5 ± 0.1
2.7 TYP
2.7±0.3
2.3±0.1
3.0 MIN BOTH
LEADS
7.0
9.8 MAX
1.13
0.9 MAX
2.3
DRAIN
GATE
SOURCE
0.1
+0.06
-0.02
+0.15
-0.05
2 PLACES
550
50
53
440
240
62
142
80
50
116
G
D
D
G
S
S
S
NE900100/NE900200 (CHIP)*
(Units in
µm)
S
S
D
G
4.0 MIN (ALL LEADS)
2.03 ± 0.2
0.51
1.02
0.1
1.6 MAX
PACKAGE OUTLINE 89A
NE900000 (CHIP)
(Units in
µm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com