Electronic Components Datasheet Search
  English  ▼

X  

NE9002 Datasheet(PDF) 1 Page - NEC

Part # NE9002
Description  Ku-BAND MEDIUM POWER GaAs MESFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE9002 Datasheet(HTML) 1 Page - NEC

  NE9002 Datasheet HTML 1Page - NEC NE9002 Datasheet HTML 2Page - NEC NE9002 Datasheet HTML 3Page - NEC NE9002 Datasheet HTML 4Page - NEC NE9002 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ku-BAND MEDIUM
POWER GaAs MESFET
NE9000 SERIES
NE9001 SERIES
NE9002 SERIES
FEATURES
•
CLASS A OPERATION
•
HIGH OUTPUT POWER
POUT = 26.5 dBm
G1dB = 7 dB
•
HIGH POWER ADDED EFFICIENCY
TYPICAL LINEAR GAIN vs. FREQUENCY
2.0
10.0
24
21
18
15
12
9
6
3
NE9001/9002
NE9000
Frequency (GHz)
ELECTRICAL CHARACTERISTICS (TA = 25°C)
PART NUMBER
NE900000
NE900100
NE900200
NE900000G
NE900100G
NE900200G
NE900089A
NE900075
NE900175
NE900275
PACKAGE OUTLINE
89A
00 (CHIP), 75
00 (CHIP), 75
00 (CHIP), 75
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
IDSS
Saturated Drain Current at
VDS = 2.5 V, VGS = 0
mA
80
120
150
80
120
150
150
225
300
300
450
600
VP
Pinch-off Voltage at VDS = 2.5 V,
IDS = 2.5 mA
V
-1.5
-3.5
-5
-1.5
-3.5
-5
IDS = 5 mA
V
-2
-3.5
-5
IDS = 10 mA
V
-2
-3.5
-5
gm
Transconductance at VDS = 2.5 V,
IDS = 50 mA
mS
25
25
IDS = 90 mA
mS
50
IDS = 180 mA
mS
100
RTH (C-C)
Thermal Resistance (Channel-to-Case)
°C/W
180
180
100
50
PT
Total Power Dissipation
W
0.8
0.8
1.5
3
PTEST
Power Output at Test Point
PIN = 11 dBm, VDS = 8V, ID = 50mA,
f = 8 GHz
dBm
19.5
20.5
PIN = 12 dBm,VDS = 8V, ID = 50mA
f = 14.5 GHz
dBm
19.5
20.5
PIN = 15 dBm, VDS = 8V, ID = 90mA
f = 14.5 GHz
dBm
22
23
PIN = 19 dBm, VDS = 8 V, ID = 180 mA,
f = 14.5
dBm
25.5
26.5
P1dB
Output Power at 1 dB Compression
Point,
VDS = 8 V, ID = 50 mA, f = 8 GHz
dBm
20.5
VDS = 8 V, ID = 50 mA, f = 14.5 GHz
dBm
20
VDS = 8 V, ID = 90 mA, f = 14.5 GHz
dBm
23
VDS = 8 V, ID = 180 mA, f = 14.5 GHz
dBm
25
G1dB
Gain at 1 dB Compression Point
VDS = 8 V, ID = 50 mA, f = 8 GHz
dB
9
VDS = 8 V, ID = 50 mA, f = 14.5 GHz
dB
8
VDS = 8 V, ID = 90 mA, f = 14.5 GHz
dB
7
VDS = 8 V, ID = 180 mA, f = 14.5 GHz
dB
7
ηADD
Power Added Efficiency
VDS = 8 V, at P1dB Conditions.
%
27
27
27
26
DESCRIPTION
The NE9000, NE9001, and NE9002 are 0.5 micron recessed
gate medium power GaAs FETs for commercial and space
amplifier and oscillator applications to 20 GHz. Chip configu-
rations available are: the NE900000, a one cell die of 400
µm
gate width; the NE900100, a one cell die of 750
µm gate
width; and the NE900200, a two cell die of 1500
µm total gate
width. The series is available in chip form or a variety of
hermetic ceramic packages. The NE900000, NE900100,
and NE900200 are standard die without wrap-around source-
metallization, while the NE900000G, NE900100G, and
NE900200G have wrap-around source metallization. The
series is space qualified.
California Eastern Laboratories


Similar Part No. - NE9002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE9002 RENESAS-NE9002 Datasheet
482Kb / 8P
GaAs MES FET
1987
NE900200 RENESAS-NE900200 Datasheet
482Kb / 8P
GaAs MES FET
1987
NE900200G RENESAS-NE900200G Datasheet
482Kb / 8P
GaAs MES FET
1987
NE900275 RENESAS-NE900275 Datasheet
482Kb / 8P
GaAs MES FET
1987
NE900276 RENESAS-NE900276 Datasheet
482Kb / 8P
GaAs MES FET
1987
More results

Similar Description - NE9002

ManufacturerPart #DatasheetDescription
logo
NEC
NEZ1011-2E NEC-NEZ1011-2E Datasheet
81Kb / 12P
2W X, Ku-BAND POWER GaAs MESFET
NEZ1011-8E NEC-NEZ1011-8E Datasheet
82Kb / 12P
8W X, Ku-BAND POWER GaAs MESFET
NE850R599A NEC-NE850R599A Datasheet
19Kb / 2P
C-BAND MEDIUM POWER GaAs MESFET
NE13700 NEC-NE13700 Datasheet
194Kb / 5P
LOW NOISE KU-BAND GAAS MESFET
NE960R275 NEC-NE960R275_01 Datasheet
29Kb / 3P
0.2W X, Ku-BAND POWER GaAs MESFET
NE8500100 NEC-NE8500100_00 Datasheet
63Kb / 4P
C-BAND MEDIUM POWER GaAs MESFET
NEZ1011-4E NEC-NEZ1011-4E Datasheet
82Kb / 12P
4W X, Ku-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE8500100 CEL-NE8500100 Datasheet
64Kb / 4P
C-BAND MEDIUM POWER GaAs MESFET
NE960R275 CEL-NE960R275 Datasheet
30Kb / 3P
0.2W X, Ku-BAND POWER GaAs MESFET
NE850R59 CEL-NE850R59 Datasheet
22Kb / 2P
C-BAND MEDIUM POWER GaAs MESFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com