Electronic Components Datasheet Search
  English  ▼

X  

TDA9855 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA9855
Description  I2C-bus controlled BTSC stereo/SAP decoder and audio processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9855 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA9855 Datasheet HTML 13Page - NXP Semiconductors TDA9855 Datasheet HTML 14Page - NXP Semiconductors TDA9855 Datasheet HTML 15Page - NXP Semiconductors TDA9855 Datasheet HTML 16Page - NXP Semiconductors TDA9855 Datasheet HTML 17Page - NXP Semiconductors TDA9855 Datasheet HTML 18Page - NXP Semiconductors TDA9855 Datasheet HTML 19Page - NXP Semiconductors TDA9855 Datasheet HTML 20Page - NXP Semiconductors TDA9855 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
1997 Nov 04
17
Philips Semiconductors
Product specification
I2C-bus controlled BTSC stereo/SAP
decoder and audio processor
TDA9855
Audio part
CIRCUIT SECTION FROM PINS LIL AND LIR TO PINS OUTL, OUTR AND OUTS; note 3
B
roll-off frequencies
C6,C7,C10,C26,C27 and
C29 = 2.2 µF; Zi =Zi(min)
low frequency (
−3 dB)
−−
20
Hz
high frequency (
−0.5 dB)
20
−−
kHz
THD
total harmonic distortion
Vi = 1 V (RMS); Gc = 0 dB;
AVL on
−
0.2
0.5
%
Vi = 2 V (RMS); Gc = 0 dB;
AVL on
−
0.2
0.5
%
Vi = 1 V (RMS); Gc = 0 dB;
AVL off
−
0.05
−
%
Vi = 2 V (RMS); Gc = 0 dB;
AVL off
−
0.02
−
%
PSRR
power supply ripple rejection
Vr(rms) < 200 mV; fi = 100 Hz
47
50
−
dB
α
B
crosstalk between bus inputs
and signal outputs
notes 4 and 5
−
110
−
dB
Vno
noise output voltage
CCIR 468-2 weighted;
quasi peak
−
40
80
µV
measured in dBA
−
8
−µV
αcs
channel separation
Vi =1V; fi = 1 kHz
75
−−
dB
Vi =1V; fi = 12.5 kHz
75
−−
dB
SELECTOR (FROM PINS LOL, LOR, LIL AND LIR TO PINS SOL AND SOR)
Zi
input impedance
16
20
24
k
Ω
αs
input isolation of one selected
source to any other input
f = 1 kHz; Vi =1V
86
96
−
dB
f = 12.5 kHz; Vi =1V
80
96
−
dB
Vi(rms)
maximum input voltage
(RMS value)
THD
< 0.5%
2
2.3
−
V
Voffset
DC offset voltage at selector
output by selection of any
inputs
−−
25
mV
Zo
output impedance
−
80
120
Ω
RL
output load resistance (AC)
5
−−
k
Ω
CL
output load capacitance
−−
2.5
nF
Gc
voltage gain, selector
−
0
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com