Electronic Components Datasheet Search
  English  ▼

X  

TDA9855 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TDA9855
Description  I2C-bus controlled BTSC stereo/SAP decoder and audio processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9855 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TDA9855 Datasheet HTML 28Page - NXP Semiconductors TDA9855 Datasheet HTML 29Page - NXP Semiconductors TDA9855 Datasheet HTML 30Page - NXP Semiconductors TDA9855 Datasheet HTML 31Page - NXP Semiconductors TDA9855 Datasheet HTML 32Page - NXP Semiconductors TDA9855 Datasheet HTML 33Page - NXP Semiconductors TDA9855 Datasheet HTML 34Page - NXP Semiconductors TDA9855 Datasheet HTML 35Page - NXP Semiconductors TDA9855 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
1997 Nov 04
32
Philips Semiconductors
Product specification
I2C-bus controlled BTSC stereo/SAP
decoder and audio processor
TDA9855
Table 25 Timing current setting in register ALI3
Table 26 AVL attack time setting in register ALI3
IS RANGE
DATA
D2
TC2
D1
TC1
D0
TC0
+30%
1
0
0
+20%
1
0
1
+10%
1
1
0
Nominal
0
1
1
−10%
0
1
0
−20%
0
0
1
−30%
0
0
0
Ratt
(
Ω)
DATA
D6
AT1
D5
AT2
420
0
0
730
1
0
1200
0
1
2100
1
1
Table 27 ADJ bit setting in register ALI3
FUNCTION
DATA D7
Stereo decoder operation mode
0
Auto adjustment of channel separation
1
Fig.4 Automatic volume level control diagram.
AVL measured at pin EOL/EOR.
Y1 axis output level in AVL operation with typically 200 mV.
Y2 axis VCAV DC voltage at pin CAV corresponds with typical gain steps in range of +6 to −15 dB.
(1) VCAV
(2) Vo max(rms)
(3) Vo min(rms)
handbook, full pagewidth
MHA312
10
7
VCAV
(V)
6
5
4
3
2
1
1
VI(rms) (V)
10−1
300
250
200
160
10−2
100
Vo(rms)
(mV)
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com