Electronic Components Datasheet Search
  English  ▼

X  

LF400CH Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF400CH
Description  Fast-Settling JFET-Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF400CH Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LF400CH Datasheet HTML 1Page - National Semiconductor (TI) LF400CH Datasheet HTML 2Page - National Semiconductor (TI) LF400CH Datasheet HTML 3Page - National Semiconductor (TI) LF400CH Datasheet HTML 4Page - National Semiconductor (TI) LF400CH Datasheet HTML 5Page - National Semiconductor (TI) LF400CH Datasheet HTML 6Page - National Semiconductor (TI) LF400CH Datasheet HTML 7Page - National Semiconductor (TI) LF400CH Datasheet HTML 8Page - National Semiconductor (TI) LF400CH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AC Electrical Characteristics (LF400AMH LF400MH)
The following specifications apply for V
a ea15V Vb eb15V and T
J
e 25 C unless otherwise specified
Tested Limits in Boldface apply for TJ eb55 Cto a125 C
LF400AMH
LF400MH
Symbol
Parameter
Conditions
Typical
Tested
Design
Typical
Tested
Design
Units
(Note 6)
Limit
Limit
(Note 6)
Limit
Limit
(Note 7) (Note 8)
(Note 7) (Note 8)
ts
Settling Time to 001%
See
Figure 1
365
365
ns
to 010%
See
Figure 1
200
200
ns
GBW
Minimum Gain
AV ea1 CL e 10 pF
16
14
16
14
MHz
Bandwidth Product
10
10
MHz
SR
Minimum Slew Rate
AV ea1 CL e 10 pF
30
27
30
27
V
ms
AV eb1 CL e 10 pF
60
60
V
ms
w
Phase Margin
AV ea1 CL e 10 pF
60
60
Degrees
en
Input Noise Voltage
f e 1 kHz RS e 100X
23
23
nV
0Hz
Broadband RS e 100X
23
23
mV rms
10 Hz to 10 kHz
in
Input Noise Current
f e 1 kHz
001
001
pA
0Hz
Broadband
10
10
pA rms
10 Hz to 10 kHz
THD
Total Harmonic Distortion f e 1 kHz AV eb1
0002
0002
%
RL e 10k
CIN
Input Capacitance
7
7
pF
DC Electrical Characteristics (LF400AMH LF400MH)
The following specifications apply for V
a ea15V Vb eb15V and T
J
e 25 C unless otherwise specified
Tested Limits in Boldface apply for TJ eb55 Cto a125 C
LF400AMH
LF400MH
Symbol
Parameter
Conditions
Typical
Tested
Design
Typical
Tested
Design
Unit
(Note 6)
Limit
Limit
(Note 6)
Limit
Limit
(Note 7) (Note 8)
(Note 7) (Note 8)
VOS
Maximum Input
VCM e 0V
TJ e 25 C
g05
g30
mV
Offset Voltage
RS e 0
g20
g50
mV
RL e %
IOS
Maximum Input
VCM e 0V (Note 5)
g50
g100
g50
g100
pA
Offset Current
g15
g25
nA
IB
Maximum Input
VCM e 0V (Note 5)
100
200
100
200
pA
Bias Current
35
50
nA
RIN
Input Resistance
1011
1011
X
VCM
Input Common-Mode
b12 to
g11
b12 to
g11
V
Voltage Range
a14
a14
AVOL
Minimum Large Using Pin 6 VO e g10V RL e 2kX
300
100
300
50
VmV
Signal Voltage
Using Pin 8 VO e g10V RL e 600X
280
100
280
50
VmV
Gain
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com