Electronic Components Datasheet Search
  English  ▼

X  

LF400CH Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF400CH
Description  Fast-Settling JFET-Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF400CH Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LF400CH Datasheet HTML 1Page - National Semiconductor (TI) LF400CH Datasheet HTML 2Page - National Semiconductor (TI) LF400CH Datasheet HTML 3Page - National Semiconductor (TI) LF400CH Datasheet HTML 4Page - National Semiconductor (TI) LF400CH Datasheet HTML 5Page - National Semiconductor (TI) LF400CH Datasheet HTML 6Page - National Semiconductor (TI) LF400CH Datasheet HTML 7Page - National Semiconductor (TI) LF400CH Datasheet HTML 8Page - National Semiconductor (TI) LF400CH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DC Electrical Characteristics (LF400AMH LF400MH)
The following specifications apply for V
a ea15V Vb eb15V and T
J
e 25 C unless otherwise specified
Tested Limits in Boldface apply for TJ eb55 Cto a125 C (Continued)
LF400AMH
LF400MH
Symbol
Parameter
Conditions
Typical
Tested Design
Typical
Tested Design Units
(Note 6)
Limit
Limit
(Note 6)
Limit
Limit
(Note 7) (Note 8)
(Note 7) (Note 8)
VO
Minimum Output Using Pin 6
RL e 2kX
g120
g120
V
Voltage Swing
g125 g115
g125 g115
V
Using Pin 8
RL e 600X
g120 g110
g120 g110
V
ISC
Output
Pulse Test
25
25
mA
Short Circuit
MIN Using Pin 6
15
15
mA
Current
MAX Using Pin 6
45
45
mA
MIN Using Pin 8
100
100
mA
RO
Output
Using Pin 6
Open Loop DC
75
75
X
Resistance
Using Pin 8
Open Loop DC
50
50
X
CMRR
Minimum DC Common Mode
b11V s VIN s a11V
100
90
100
80
dB
Rejection Ratio
80
75
dB
PSRR
Minimum DC Power Supply
a10V s Va s a15V
100
90
100
80
dB
Rejection Ratio
b15V s Vb s b10V
85
75
dB
VCM e 0V
IS
Maximum Supply Current
VO e 0V RL e %
110
130
110
130
mA
130
150
mA
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur DC and AC electrical specifications do not apply when operating
the device beyond its specified operating conditions
Note 2
All voltages are with respect to ground
Note 3
Unless otherwise specified the Absolute Minimum Input Voltage is equal to the negative power supply voltage
Note 4
The maximum power dissipation must be derated at elevated temperatures as is dictated by TJMAX iJA and the ambient temperature TA iJA for the
LF400H is 150 CW in free air so a heat sink will generally be required when TA is greater than about 70 C iJC for the LF400H is 17 CW which dictates the use
of a heat sink with
iCA less than about 35 CW when TA ea125 C
Note 5
The input bias currents are junction leakage currents which approximately double for every 10 C increase in the junction temperature TJ Due to limited
production test time input bias currents are measured at TJ e 25 C In normal operation the junction temperature rises above the ambient temperature as a result
of internal power dissipation PD Use of a heat sink is recommended when input bias current must be minimized
Note 6
Typicals represent the most likely parametric norm
Note 7
Guaranteed to National’s AOQL (Average Outgoing Quality Level)
Note 8
Guaranteed but not 100% production tested These limits are not used to calculate outgoing quality levels
Note 9
Human body model 100 pF discharged through a 1500
X resistor
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com