Electronic Components Datasheet Search
  English  ▼

X  

TDA9860 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9860
Description  Universal HiFi audio processor for TV
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9860 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9860 Datasheet HTML 4Page - NXP Semiconductors TDA9860 Datasheet HTML 5Page - NXP Semiconductors TDA9860 Datasheet HTML 6Page - NXP Semiconductors TDA9860 Datasheet HTML 7Page - NXP Semiconductors TDA9860 Datasheet HTML 8Page - NXP Semiconductors TDA9860 Datasheet HTML 9Page - NXP Semiconductors TDA9860 Datasheet HTML 10Page - NXP Semiconductors TDA9860 Datasheet HTML 11Page - NXP Semiconductors TDA9860 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
July 1994
8
Philips Semiconductors
Preliminary specification
Universal HiFi audio processor for TV
TDA9860
VN(W)
weighted noise voltage at output
(quasi-peak level)
CCIR468-3
for +15 dB gain
−
102
−µV
for 0 dB gain
−
32
−µV
for
−40 dB gain
−
27
−µV
for mute position
Gv = −80 dB
−
20
−µV
B
AF bandwidth
−1 dB
−
20 to
20000
−
Hz
THD
total harmonic distortion
f = 20 to 12500 Hz
for Vi = 0.2 V (RMS value)
Gv = −30 to +15 dB
−
0.1
0.3
%
for Vi = 1 V (RMS value)
Gv = −30 to 0 dB
−
0.1
0.3
%
for Vi = 2 V (RMS value)
Gv = −30 to −6 dB
−
0.1
0.3
%
α
sp
stereo channel separation
f = 10 kHz; Gv = 0 dB;
opposite input grounded
by 1 k
Ω resistor
−
75
−
dB
α
bus
crosstalk of I2C-bus
Gv = 0 dB; note 1
−
100
−
dB
RR100
ripple rejection with 100 Hz ripple on VP
Gv = 0 dB;
VR < 200 mV RMS
−
55
−
dB
HEADPHONE CHANNEL (controlled via I2C-bus, Table 3)
Volume control headphone channel
f = 1 kHz, 36 steps
Gv
nominal volume control
−70
−
0dB
minimum volume control
−67
−−1dB
gain in mute position
−80
−85
−
dB
∆G
v
step width (resolution)
Gv = −36 to 0 dB
1.5
2
2.5
dB
Gv = −70 to −36 dB
1
2
3
dB
gain set error
Gv = −36 to 0 dB
−−
1dB
Gv = −70 to −36 dB
−−
3dB
∆V
13, 20
DC offset voltage
for adjoining step and
step to mute
Gv = −70 to 0 dB
−
0.5
10
mV
Headphone channel output (pins 13 and 20)
Vo
maximum output signal (RMS value)
THD
≤ 0.5%; RL > 10 kΩ;
CL < 1.5 nF
2
−−
V
Ro
output resistance
−−
100
Ω
RL
allowed output load resistor
10
−−
k
Ω
CL
allowed output load capacitor
−−
1.5
nF
VN(W)
weighted noise voltage at output (quasi-peak level) CCIR468-3
for 0 dB gain
−
20
−µV
for
−16 dB gain
−
15
−µV
for mute position
Gv = −80 dB
−
12
−µV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com