Electronic Components Datasheet Search
  English  ▼

X  

TDA9860 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9860
Description  Universal HiFi audio processor for TV
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9860 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9860 Datasheet HTML 1Page - NXP Semiconductors TDA9860 Datasheet HTML 2Page - NXP Semiconductors TDA9860 Datasheet HTML 3Page - NXP Semiconductors TDA9860 Datasheet HTML 4Page - NXP Semiconductors TDA9860 Datasheet HTML 5Page - NXP Semiconductors TDA9860 Datasheet HTML 6Page - NXP Semiconductors TDA9860 Datasheet HTML 7Page - NXP Semiconductors TDA9860 Datasheet HTML 8Page - NXP Semiconductors TDA9860 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
July 1994
2
Philips Semiconductors
Preliminary specification
Universal HiFi audio processor for TV
TDA9860
FEATURES
• Multi-source selector switches six AF inputs (three
stereo sources or six mono sources)
• Each of the input signals can be switched to each of the
outputs (crossbar switch)
• Outputs for loudspeaker channel, headphone channel
and peri-TV connector (SCART)
• Switchable spatial stereo and pseudo stereo effects
• Audio surround decoder can be added externally
• Two general purpose logic output ports
• I2C-bus control of all functions.
GENERAL DESCRIPTION
The TDA9860 provides control facilities for the main, the
headphone and the SCART channel of a TV set. Due to
extended switching possibilities, signals from 3 stereo
sources can be handled.
QUICK REFERENCE DATA
ORDERING INFORMATION
Note
1. SOT232-1; 1996 November 21.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP
positive supply voltage (pin 6)
7.2
8.0
8.8
V
IP
supply current
−
25
−
mA
Vi
input signal levels for 0 dB gain (RMS value)
2
−−
V
Vo
output signal levels for 0 dB gain (RMS value)
2
−−
V
Gv
gain in main channel
volume control (1 dB steps, balance included)
−63
−
+15
dB
bass control (1.5 dB steps)
−12
−
+15
dB
treble control (3 dB steps)
−12
−
+12
dB
gain in headphone channel
volume control (2 dB steps)
−70
−
0dB
gain for muting in all channels
−80
−−
dB
THD
total harmonic distortion
−
0.1
−
%
S/N
signal-to-noise ratio
−
85
−
dB
Tamb
operating ambient temperature
0
−
+70
°C
EXTENDED
TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA9860
32
SDIL
plastic
SOT232(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com