Electronic Components Datasheet Search
  English  ▼

X  

MAAMSS0060 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAMSS0060
Description  Broadband CATV Amplifier 50 - 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0060 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAMSS0060 Datasheet HTML 1Page - Tyco Electronics MAAMSS0060 Datasheet HTML 2Page - Tyco Electronics MAAMSS0060 Datasheet HTML 3Page - Tyco Electronics MAAMSS0060 Datasheet HTML 4Page - Tyco Electronics MAAMSS0060 Datasheet HTML 5Page - Tyco Electronics MAAMSS0060 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
1
Broadband CATV Amplifier
50 - 1000 MHz
M/A-COM Products
Rev. V1
MAAMSS0060
ADVANCED:
Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Functional Schematic
Features
• 75 Ω Input / Output Match
• CTB: -75 dBc
• Noise Figure: 1.8 dB
• Gain: 17 dB, 20 dB
• Lead Free SOT-89 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MAAMSS0060 CATV amplifier is a
GaAs MMIC which exhibits low distortion in a lead
free miniature surface mount plastic package. The
MAAMSS0060 employs a monolithic single stage
design featuring a convenient 75 Ω input/output
impedance that minimizes the number of external
components required.
The MAAMSS0060 provides low noise and high
linearity. It is ideally suited for set top boxes, home
gateways, FTTX, Drop Amplifiers, and other
broadband internet based appliances.
The MAAMSS0060 is fabricated using M/A-COM’s
PHEMT process to realize low noise and low
distortion. The process features full passivation for
robust performance and reliability.
Absolute Maximum Ratings
3,4
Parameter
Absolute Maximum
RF Input Power
6 dBm
Voltage
10.0 volts
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
Pin Configuration
Pin No.
Pin Name
Description
1
RFIN
RF Input
2
GND
Ground
3
RFOUT
RF Output / Drain Supply
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Ordering Information
1,2
Part Number
Package
MAAMSS0060
Bulk Packaging
MAAMSS0060TR
1000 piece reel
MAAMSS0060TR-3000
3000 piece reel
MAAM-000060-001SMB
17 dB Gain Configuration
MAAM-000060-002SMB
20 dB Gain Configuration
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - MAAMSS0060

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAMSS0060 MA-COM-MAAMSS0060 Datasheet
188Kb / 6P
Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0060 MA-COM-MAAMSS0060 Datasheet
188Kb / 6P
Broadband CATV Amplifier
MAAMSS0060 MA-COM-MAAMSS0060 Datasheet
857Kb / 7P
Broadband CATV Amplifier
MAAMSS0060TR MA-COM-MAAMSS0060TR Datasheet
188Kb / 6P
Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0060TR MA-COM-MAAMSS0060TR Datasheet
857Kb / 7P
Broadband CATV Amplifier
More results

Similar Description - MAAMSS0060

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0041 MACOM-MAAMSS0041 Datasheet
159Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0031 MACOM-MAAMSS0031 Datasheet
273Kb / 6P
Broadband CATV Amplifier, 50 - 1000 MHz
MAAMSS0042 MACOM-MAAMSS0042 Datasheet
157Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0003 MA-COM-MAAMSS0003 Datasheet
93Kb / 4P
Low Noise CATV Amplifier 50 - 1000 MHz
MAAMSS0031 MA-COM-MAAMSS0031 Datasheet
168Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0041 MA-COM-MAAMSS0041 Datasheet
169Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0042 MA-COM-MAAMSS0042 Datasheet
158Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0060 MA-COM-MAAMSS0060 Datasheet
188Kb / 6P
Broadband CATV Amplifier 50 - 1000 MHz
MAAM-007807 MA-COM-MAAM-007807 Datasheet
163Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAAM-009100 MA-COM-MAAM-009100 Datasheet
164Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com