Electronic Components Datasheet Search
  English  ▼

X  

MAAMSS0060 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAMSS0060
Description  Broadband CATV Amplifier 50 - 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0060 Datasheet(HTML) 3 Page - Tyco Electronics

  MAAMSS0060 Datasheet HTML 1Page - Tyco Electronics MAAMSS0060 Datasheet HTML 2Page - Tyco Electronics MAAMSS0060 Datasheet HTML 3Page - Tyco Electronics MAAMSS0060 Datasheet HTML 4Page - Tyco Electronics MAAMSS0060 Datasheet HTML 5Page - Tyco Electronics MAAMSS0060 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
3
Broadband CATV Amplifier
50 - 1000 MHz
M/A-COM Products
Rev. V1
MAAMSS0060
ADVANCED:
Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
17 & 20 dB Gain Configuration
Schematic Including Off-Chip Components
17 & 20 dB Gain Configuration
Recommended Board Layout
17 dB Gain Configuration
Off-Chip Component Values
Component
Value
Package
C1,C3,C4
0.01 µF
0402
C5
0.7 pF
0402
L15
1 µH
1210
L2
4.7 nH
0402
L3
8.2 nH
0402
R1
560 Ω
0402
C2
470 pF
0402
R2
91 Ω
0402
5. L1 supplied from EPCOS, part number B82422A1102K100
20 dB Gain Configuration
Off-Chip Component Values
6. L1 supplied from EPCOS, part number B82422A1152K100
Component
Value
Package
C1,C2,C3,C4
0.01 µF
0402
C5
0.75 pF
0402
L16
1.5 µH
1210
L2
10 nH
0402
L3
12 nH
0402
R1
750 Ω
0402
R2
360 Ω
0402



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com