Electronic Components Datasheet Search
  English  ▼

X  

TDA9873 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TDA9873
Description  Multistandard dual carrier stereo sound decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9873 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TDA9873 Datasheet HTML 28Page - NXP Semiconductors TDA9873 Datasheet HTML 29Page - NXP Semiconductors TDA9873 Datasheet HTML 30Page - NXP Semiconductors TDA9873 Datasheet HTML 31Page - NXP Semiconductors TDA9873 Datasheet HTML 32Page - NXP Semiconductors TDA9873 Datasheet HTML 33Page - NXP Semiconductors TDA9873 Datasheet HTML 34Page - NXP Semiconductors TDA9873 Datasheet HTML 35Page - NXP Semiconductors TDA9873 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
2000 Apr 04
32
Philips Semiconductors
Product specification
Multistandard dual carrier stereo sound decoder
TDA9873H
PACKAGE OUTLINES
UNIT
A1
A2
A3
bp
cE(1)
eHE
LLp
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.25
0.05
2.3
2.1
0.25
0.50
0.35
0.25
0.14
14.1
13.9
1
19.2
18.2
2.4
1.8
7
0
o
o
0.15
2.35
0.1
0.3
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
2.0
1.2
SOT205-1
97-08-01
99-12-27
D(1)
(1)
(1)
14.1
13.9
HD
19.2
18.2
E
Z
2.4
1.8
D
b p
e
θ
E
A1
A
L p
detail X
L
(A )
3
B
11
y
c
D
H
b p
E
H
A2
v M B
D
Z D
A
Z E
e
v M A
X
1
44
34
33
23
22
12
133E01
pin 1 index
w M
w M
0
5
10 mm
scale
QFP44: plastic quad flat package; 44 leads (lead length 2.35 mm); body 14 x 14 x 2.2 mm
SOT205-1
A
max.
2.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com