Electronic Components Datasheet Search
  English  ▼

X  

TDA9873 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA9873
Description  Multistandard dual carrier stereo sound decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9873 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA9873 Datasheet HTML 1Page - NXP Semiconductors TDA9873 Datasheet HTML 2Page - NXP Semiconductors TDA9873 Datasheet HTML 3Page - NXP Semiconductors TDA9873 Datasheet HTML 4Page - NXP Semiconductors TDA9873 Datasheet HTML 5Page - NXP Semiconductors TDA9873 Datasheet HTML 6Page - NXP Semiconductors TDA9873 Datasheet HTML 7Page - NXP Semiconductors TDA9873 Datasheet HTML 8Page - NXP Semiconductors TDA9873 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MHB429
FM DEMODULATOR
NARROW-BAND PLL
SC2
FM DEMODULATOR
NARROW-BAND PLL
SC1
AF
AMPLIFIER
2
AF
AMPLIFIER
1
LF2
18
4, 5, 9, 11, 12,
16, 17, 19, 20,
22, 23, 36, 44
LPF
31
CID
35
CTRIG
34
25
AFR
13
CAF2
26
DIGITAL
ACQUISITION
OSCILLATOR
CLOCK
STEREO DECODER
STEREO ADJUST
B/G, D/K, I, M (Korea)
STANDARD
AF SWITCH
DIGITAL
IDENTIFICATION
PILOT
NARROW-BAND PLL
SDA
30
SCL
29
P1
37
P2
42
I2C-BUS
TRANSCEIVER
XTAL
4 MHz
15
CAF1
24
TDA9873H
loop filter
14
LF1
3
CDE1
6
CDE2
38
EXTM
M
39
EXTR
R
mono
stereo
40
EXTL
L
8
AF1I
AF2I
32
10
33
AF1O AF2O
loop filter
IFINT
n.c.
DGND
27
MAD
21
POWER
SUPPLY
AGND
OUTM
7
VCC
Vref
28
41
43
IF
intercarrier
input
4.5, 5.5, 6.0, 6.5
4.72, 5.74, 6.26,
6.74 MHz
pilot
loop
external AF
OUTR
2
OUTL
1
Fig.1 Block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com