Electronic Components Datasheet Search
  English  ▼

X  

TDA9880T Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9880T
Description  Alignment-free multistandard vision and FM sound IF-PLL demodulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9880T Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9880T Datasheet HTML 17Page - NXP Semiconductors TDA9880T Datasheet HTML 18Page - NXP Semiconductors TDA9880T Datasheet HTML 19Page - NXP Semiconductors TDA9880T Datasheet HTML 20Page - NXP Semiconductors TDA9880T Datasheet HTML 21Page - NXP Semiconductors TDA9880T Datasheet HTML 22Page - NXP Semiconductors TDA9880T Datasheet HTML 23Page - NXP Semiconductors TDA9880T Datasheet HTML 24Page - NXP Semiconductors TDA9880T Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
1999 Jul 21
21
Philips Semiconductors
Product specification
Alignment-free multistandard vision and
FM sound IF-PLL demodulator
TDA9880
Fig.4 Typical VIF and tuner AGC characteristic.
(1) VIF AGC voltage.
(2) Ituner; RTOP =22kΩ.
(3) Ituner; RTOP =12kΩ.
(4) Ituner; RTOP =0 Ω.
handbook, halfpage
30
50
110
3
2
1
4
0
300
600
200
500
100
400
MHB158
70
90
Vi(VIF) (dB/µV)
V20
(V)
I14
(
µA)
(2)
(3)
(4)
(1)
Fig.5
Typical tuner takeover point as a function of
RTOP.
handbook, halfpage
024
120
60
70
100
90
80
MHB159
12
820
416
Vi(VIF)
(dB/
µV)
RTOP (kΩ)
Fig.6
Typical signal-to-noise ratio as a function of
VIF input voltage.
handbook, halfpage
0
30
50
110
70
30
60
20
50
10
40
MHB160
70
90
Vi(VIF) (dB/µV)
S/N
(dB)
Fig.7 Input signal conditions.
SC = sound carrier, with respect to sync level.
CC = chrominance carrier, with respect to sync level.
PC = picture carrier, with respect to sync level.
The sound carrier levels are taking into account a sound shelf
attenuation of 20 dB (SAW filter M1963M).
handbook, halfpage
SC CC
PC
SC CC
PC
BLUE
YELLOW
21 dB
13.2 dB
3.2 dB
21 dB
13.2 dB
10 dB
MHA739



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com