Electronic Components Datasheet Search
  English  ▼

X  

TDA9880T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9880T
Description  Alignment-free multistandard vision and FM sound IF-PLL demodulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9880T Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9880T Datasheet HTML 1Page - NXP Semiconductors TDA9880T Datasheet HTML 2Page - NXP Semiconductors TDA9880T Datasheet HTML 3Page - NXP Semiconductors TDA9880T Datasheet HTML 4Page - NXP Semiconductors TDA9880T Datasheet HTML 5Page - NXP Semiconductors TDA9880T Datasheet HTML 6Page - NXP Semiconductors TDA9880T Datasheet HTML 7Page - NXP Semiconductors TDA9880T Datasheet HTML 8Page - NXP Semiconductors TDA9880T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
1999 Jul 21
3
Philips Semiconductors
Product specification
Alignment-free multistandard vision and
FM sound IF-PLL demodulator
TDA9880
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
note 1
4.5
5
5.5
V
IP
supply current
85
100
115
mA
Vi(sens)(VIF)(rms) VIF input voltage sensitivity
(RMS value)
−1 dB video at output
−
50
100
µV
GVIF(cr)
VIF gain control range
see Fig.4
65
69
−
dB
fVIF
VIF frequencies
see Table 2
−
38.0
−
MHz
−
38.9
−
MHz
−
45.75
−
MHz
−
58.75
−
MHz
∆f
VIF
VIF frequency window of digital
acquisition help
referenced to fVIF
−±2.38 −
MHz
Vo(v)(p-p)
video output signal voltage
(peak-to-peak value)
sound carrier off; see Fig.10 1.7
2.0
2.3
V
trap bypass mode;
see Fig.10
0.95
1.10
1.25
V
Gdif
differential gain
“NTC-7 Composite”
−
25%
ϕdif
differential phase
“NTC-7 Composite”
−
2
4
deg
Bv(−3dB)(trap)
−3 dB video bandwidth including
sound carrier trap
CL < 20 pF; RL >1kΩ;
AC load; note 2
ftrap = 4.5 MHz
(M/N standard)
3.95
4.05
−
MHz
ftrap = 5.5 MHz
(B/G standard)
4.90
5.00
−
MHz
α
SC1
trap attenuation at first sound carrier M/N standard
30
36
−
dB
B/G standard
30
36
−
dB
S/NW
weighted signal-to-noise ratio of
video signal
see Fig.6; note 3
56
60
−
dB
PSRR13
power supply ripple rejection at
pin 13
fripple = 70 Hz; video signal;
grey level; see Fig.9
25
28
−
dB
Bv(−1dB)
−1 dB video bandwidth
CL < 20 pF; RL >1kΩ;
AC load; trap bypass mode
56
−
MHz
Ich(max)(20)
AGC maximum charge current at
pin 20
6810
µA
Idch(max)(20)
AGC maximum discharge current at
pin 20
7.5
10
12.5
µA
Isink(14)
sink current of tuner AGC at pin 14
maximum tuner gain
reduction; V14 =1V;
see Fig.4
450
600
750
µA
AFCstps
AFC steepness
∆I19/∆f
0.85
1.05
1.25
µA/kHz
Io(source)(19)
AFC output source current at pin 19
160
200
240
µA
Io(sink)(19)
AFC output sink current at pin 19
160
200
240
µA
Vo(intc)(rms)
intercarrier output voltage
(RMS value)
; note 4
−
49
−
mV
V
i(SC)
V
i(PC)
--------------
24 dB
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com