Electronic Components Datasheet Search
  English  ▼

X  

TDA9901 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA9901
Description  Wideband differential digital controlled variable gain amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9901 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA9901 Datasheet HTML 3Page - NXP Semiconductors TDA9901 Datasheet HTML 4Page - NXP Semiconductors TDA9901 Datasheet HTML 5Page - NXP Semiconductors TDA9901 Datasheet HTML 6Page - NXP Semiconductors TDA9901 Datasheet HTML 7Page - NXP Semiconductors TDA9901 Datasheet HTML 8Page - NXP Semiconductors TDA9901 Datasheet HTML 9Page - NXP Semiconductors TDA9901 Datasheet HTML 10Page - NXP Semiconductors TDA9901 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1999 Oct 08
7
Philips Semiconductors
Product specification
Wideband differential digital controlled
variable gain amplifier
TDA9901
Analog inputs
Vi(max)(p-p)
maximum input voltage
(peak-to-peak value)
minimum gain
1.0
V
maximum gain
60.4
mV
Vi(cm)
common mode input
voltage
2.0
2.7
VDDA − 1.9
V
Ii
input current
Vi(cm) = 2.7 V
55
−µA
Ri
input resistance
10
−−
k
Ci
input capacitance
−−
5pF
Analog outputs; note 2
Vo(max)(p-p)
maximum differential
output voltage
(peak-to-peak value)
maximum gain
2.0
−−
V
minimum gain
2.0
−−
V
Vo(cm)
common mode output
voltage
referenced to VDDA;
Tamb =25 °C
VDDA − 2.56 VDDA − 2.42 VDDA − 2.29 V
∆V
o(cm)/∆T
common mode output
voltage variation with
temperature
−−1.8
mV/
°C
SRo(se)
single-ended output slew
rate
275
V/
µs
Ro
output resistance
15
26
Co
output capacitance
3
pF
Variable gain amplifier dynamic performance; CL = 5 pF; RL = 680 Ω (see Figs 6, 7, 8, 9 and 10)
HD2
2nd harmonic distortion
Vo =Vo(max)
fi = 0.5 MHz
−−80
−67
dBc
fi = 4.43 MHz
−−77
−67
dBc
fi = 12.5 MHz
−−76
−65
dBc
fi = 21.4 MHz
−−74
−62
dBc
HD3
3rd harmonic distortion
Vo =Vo(max);
Tamb =25 °C
fi = 0.5 MHz
−−64
−60
dBc
fi = 4.43 MHz
−−64
−59
dBc
fi = 12.5 MHz
−−62
−58
dBc
fi = 21.4 MHz
−−61
−57
dBc
∆HD
3/∆T
3rd harmonic distortion
variation with temperature
fi = 21.4 MHz
80
mdB/
°C
Reference voltage output ADC: pin CMADC
Vref(CMADC)
ADC reference output
voltage
referenced to VDDA;
Tamb =25 °C
VDDA − 1.64 VDDA − 1.45 VDDA − 1.26 V
Ro(CMADC)
output resistance
Tamb =25 °C
17
26
∆V
ref(CMADC)/∆T
ADC reference output
voltage variation with
temperature
−−0.11
mV/
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com