Electronic Components Datasheet Search
  English  ▼

X  

TDA9901 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9901
Description  Wideband differential digital controlled variable gain amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9901 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9901 Datasheet HTML 1Page - NXP Semiconductors TDA9901 Datasheet HTML 2Page - NXP Semiconductors TDA9901 Datasheet HTML 3Page - NXP Semiconductors TDA9901 Datasheet HTML 4Page - NXP Semiconductors TDA9901 Datasheet HTML 5Page - NXP Semiconductors TDA9901 Datasheet HTML 6Page - NXP Semiconductors TDA9901 Datasheet HTML 7Page - NXP Semiconductors TDA9901 Datasheet HTML 8Page - NXP Semiconductors TDA9901 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1999 Oct 08
2
Philips Semiconductors
Product specification
Wideband differential digital controlled
variable gain amplifier
TDA9901
FEATURES
• 130 MHz, −3 dB small signal bandwidth
• Digitally controlled gain
• TTL/CMOS compatible digital inputs (3.3 or 5 V)
• TTL single ended or differential clock input with PECL
compatibility
• 24 dB gain control range
• Five steps of 6 dB plus 6 dB fixed gain
• 30 dB gain maximum
• High impedance differential inputs
• Low impedance differential outputs
• High power supply rejection
• 125 nV/√Hz output voltage noise density at 30 dB gain
• Fast gain settling
• Dual control modes: transparent or latched.
APPLICATIONS
• Linear AGC systems
• IF amplifier in IF conversion systems (e.g. base stations
or satellite receivers)
• Instrumentation
• Multi-purpose amplifier
• Driver for differential ADCs (e.g. TDA8768).
GENERAL DESCRIPTION
The TDA9901 is a wideband, low noise amplifier with
differential inputs and outputs. The TDA9901 incorporates
an AGC function with digital control. The TDA9901 is
optimized for fast switching between different gain
settings, preserving small phase and amplitude error.
The TDA9901 presents an excellent combination of low
noise and good linearity for a wide input frequency range.
The TDA9901 is optimized for processing IF signals in
GSM base stations. It is also suited for many other
applications as a general purpose digitally controlled
variable gain amplifier.
The TDA9901 is able to operate from 4.75 to 5.25 V
supply for the analog part and from 3.0 to 5.25 V for the
digital part.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDA
analog supply voltage
4.75
5.0
5.25
V
VDDD
digital supply voltage
3.0
3.3
5.25
V
IDDA
analog supply current
30
36
mA
IDDD
digital supply current
3.0
5.0
mA
Gdif
differential gain
minimum gain
5.7
6.11
6.46
dB
maximum gain
29.3
30.5
31.5
dB
B−3dB
−3 dB small signal bandwidth
Vo(dif)(p-p) = 0.125 V;
Tamb =25 °C
110
130
MHz
Ptot
total power dissipation
160
216
mW
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9901TS
SSOP20
plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com