Electronic Components Datasheet Search
  English  ▼

X  

KPCSLMM1.F1 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # KPCSLMM1.F1
Description  Compact light source with isolated heat sink for improved heat dissipation and high current chip technology for increased light output.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KPCSLMM1.F1 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button KPCSLMM1.F1 Datasheet HTML 6Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 7Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 8Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 9Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 10Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 11Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 12Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 13Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
KP CSLMM1.F1
DATASHEET
DATASHEET
10 | Version 1.1 | 2024-06-05
Relative Partial Flux 4)
Φ
v(2φ)/Φv(180°) = f(φ); TJ = 25 °C
KP CSLMM1.F1
020406080
100
120
140
160
180
2*M /°
0.0
0.2
0.4
0.6
0.8
1.0
)V (2M)
)V (180°)
:puregreen
Relative cumulated Luminous Flux 4)
Φ
Vrel - cum = f (λ); IF = 750 mA; TJ = 25 °C
KP CSLMM1.F1
300
400
500
600
700
800
O /nm
0.0
0.2
0.4
0.6
0.8
1.0
:puregreen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com