Electronic Components Datasheet Search
  English  ▼

X  

KPCSLMM1.F1 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # KPCSLMM1.F1
Description  Compact light source with isolated heat sink for improved heat dissipation and high current chip technology for increased light output.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KPCSLMM1.F1 Datasheet(HTML) 5 Page - OSRAM GmbH

  KPCSLMM1.F1 Datasheet HTML 1Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 2Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 3Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 4Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 5Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 6Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 7Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 8Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
KP CSLMM1.F1
DATASHEET
DATASHEET
5 | Version 1.1 | 2024-06-05
Characteristics
I
F = 750 mA; TS = 25 °C
Parameter
Symbol
Values
Chromaticity Coordinate 3)
within λ = 500 ... 600 nm
Cx
Cy
typ.
typ.
0.32
0.64
Viewing angle at 50% I
V
2φ
typ.
120 °
Radiating surface
A
color
typ.
0.76 x 0.76
mm²
Partial Flux acc. CIE 127:2007 4)
I
F = 750 mA
Φ
E/V, 120°
typ.
0.76
Forward Voltage 5)
I
F = 750 mA
V
F
min.
typ.
max.
2.90 V
3.10 V
3.40 V
Reverse voltage (ESD device)
V
R ESD
min.
45 V
Reverse voltage 2)
I
R = 20 mA
V
R
max.
1.2 V
Real thermal resistance junction/solderpoint 6)
R
thJS real
typ.
max.
7.5 K / W
9.3 K / W
Electrical thermal resistance junction/solderpoint 6)
with efficiency η
e = 40 %
R
thJS elec.
typ.
max.
4.5 K / W
5.6 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com