Electronic Components Datasheet Search
  English  ▼

X  

KTDMLN31.13 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # KTDMLN31.13
Description  This compact LED device is part of the SYNIOS P2720 family.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KTDMLN31.13 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button KTDMLN31.13 Datasheet HTML 3Page - OSRAM GmbH KTDMLN31.13 Datasheet HTML 4Page - OSRAM GmbH KTDMLN31.13 Datasheet HTML 5Page - OSRAM GmbH KTDMLN31.13 Datasheet HTML 6Page - OSRAM GmbH KTDMLN31.13 Datasheet HTML 7Page - OSRAM GmbH KTDMLN31.13 Datasheet HTML 8Page - OSRAM GmbH KTDMLN31.13 Datasheet HTML 9Page - OSRAM GmbH KTDMLN31.13 Datasheet HTML 10Page - OSRAM GmbH KTDMLN31.13 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
KT DMLN31.13
DATASHEET
DATASHEET
7 | Version 1.2 | 2023-01-27
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
Luminous Intensity 6)
I
F = 65 mA
I
F = 65 mA
I
F = 65 mA
min.
max.
typ.
Φ
V
Φ
V
I
v
8F
15.9 lm
18.0 lm
5.6 cd
5G
18.0 lm
20.1 lm
6.3 cd
6G
20.1 lm
22.4 lm
7.0 cd
7G
22.4 lm
25.0 lm
7.8 cd
8G
25.0 lm
28.0 lm
8.7 cd
5H
28.0 lm
31.5 lm
9.8 cd
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 65 mA
I
F = 65 mA
min.
max.
V
F
V
F
L6
2.10 V
2.40 V
S4
2.40 V
2.60 V
W4
2.60 V
2.80 V
24
2.80 V
3.00 V
64
3.00 V
3.20 V
A4
3.20 V
3.40 V
E2
3.40 V
3.50 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 65 mA
I
F = 65 mA
min.
max.
λ
dom
λ
dom
3
519 nm
525 nm
4
525 nm
531 nm
5
531 nm
537 nm
6
537 nm
543 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com