Electronic Components Datasheet Search
  English  ▼

X  

KTDMLN31.13 Datasheet(PDF) 17 Page - OSRAM GmbH

Part # KTDMLN31.13
Description  This compact LED device is part of the SYNIOS P2720 family.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KTDMLN31.13 Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button KTDMLN31.13 Datasheet HTML 13Page - OSRAM GmbH KTDMLN31.13 Datasheet HTML 14Page - OSRAM GmbH KTDMLN31.13 Datasheet HTML 15Page - OSRAM GmbH KTDMLN31.13 Datasheet HTML 16Page - OSRAM GmbH KTDMLN31.13 Datasheet HTML 17Page - OSRAM GmbH KTDMLN31.13 Datasheet HTML 18Page - OSRAM GmbH KTDMLN31.13 Datasheet HTML 19Page - OSRAM GmbH KTDMLN31.13 Datasheet HTML 20Page - OSRAM GmbH KTDMLN31.13 Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
KT DMLN31.13
DATASHEET
DATASHEET
17 | Version 1.2 | 2023-01-27
Tape and Reel 9)
Reel Dimensions
A
W
N
min
W
1
W
2 max
Pieces per PU
180 mm
8 + 0.3 / - 0.1 mm
60 mm
8.4 + 2 mm
14.4 mm
2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com