Electronic Components Datasheet Search
  English  ▼

X  

TDF5140 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDF5140
Description  Brushless DC motor drive circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF5140 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDF5140 Datasheet HTML 7Page - NXP Semiconductors TDF5140 Datasheet HTML 8Page - NXP Semiconductors TDF5140 Datasheet HTML 9Page - NXP Semiconductors TDF5140 Datasheet HTML 10Page - NXP Semiconductors TDF5140 Datasheet HTML 11Page - NXP Semiconductors TDF5140 Datasheet HTML 12Page - NXP Semiconductors TDF5140 Datasheet HTML 13Page - NXP Semiconductors TDF5140 Datasheet HTML 14Page - NXP Semiconductors TDF5140 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
1999 March 15
11
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDF5140A
Fig.5 Typical application of the TDF5140A as a scanner driver, with use of OTA.
handbook, full pagewidth
MBK986
START-UP
OSCILLATOR
1
15
4
18
3
ADAPTIVE
COMMUTATION
DELAY
COMMUTATION
LOGIC
TIMING
THERMAL
PROTECTION
ROTATION
SPEED/
DETECTOR
OUTPUT
STAGE
DIVIDE
BY 2
POSITION
DETECTOR
STAGE
16
EMF COMPARATORS
17
75
8
GND2
GND1
VP
6
FG to
micro-
processor
12
2
TEST
9
10
11
14
13
TDF5140A
D
D
TP
TN
TN
D
D
TP
TN
TN
D
D
TP
TN
TN
SCANNER
MOTOR
POSITION
COIL
10 nF
4.7
k
Ω
+5 V
18 nF
18 nF
220 nF
from
DAC
1
µF
120
Ω
39 k
Ω
47 k
Ω
10 k
Ω
470
Ω
680
Ω
47 nF
BD434
47 nF
+14 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com