Electronic Components Datasheet Search
  English  ▼

X  

TDF5140 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDF5140
Description  Brushless DC motor drive circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF5140 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDF5140 Datasheet HTML 11Page - NXP Semiconductors TDF5140 Datasheet HTML 12Page - NXP Semiconductors TDF5140 Datasheet HTML 13Page - NXP Semiconductors TDF5140 Datasheet HTML 14Page - NXP Semiconductors TDF5140 Datasheet HTML 15Page - NXP Semiconductors TDF5140 Datasheet HTML 16Page - NXP Semiconductors TDF5140 Datasheet HTML 17Page - NXP Semiconductors TDF5140 Datasheet HTML 18Page - NXP Semiconductors TDF5140 Datasheet HTML 19Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
1999 March 15
15
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDF5140A
Fig.8 Timing and the FG and PG IN signals.
ndbook, full pagewidth
MGH319
tolerance on PG IN
PG IN
MOT3
PG/FG
The special PG pulse is derived from the negative-going
zero-crossing from the MOT3 output (pin 16). The external
PG signal (PG IN on pin 5) must sense a positive-going
voltage (
>80 mV) within 1.5 to 7.5 commutation periods
before the negative-going zero-crossing in MOT3
(see Fig.8).
The voltage requirements of the PG IN input are such that
an inexpensive pick-up coil can be used as a sensor
(see Fig.9).
Example: If p = 6, then one revolution contains 6
× 6=36
commutations. The tolerance is 6 periods, that is 60
degrees (mechanically) or 6.67 ms at 1500 rpm.
If a PG sensor is not used, the PG IN input must be
grounded, this will result in a 50% duty factor FG signal.
MBD696
2.2 k
Ω
PG IN
GND2
22 nF
Fig.9 Pick-up coil as PG sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com