Electronic Components Datasheet Search
  English  ▼

X  

TDF8704 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDF8704
Description  8-bit high-speed analog-to-digital converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8704 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDF8704 Datasheet HTML 2Page - NXP Semiconductors TDF8704 Datasheet HTML 3Page - NXP Semiconductors TDF8704 Datasheet HTML 4Page - NXP Semiconductors TDF8704 Datasheet HTML 5Page - NXP Semiconductors TDF8704 Datasheet HTML 6Page - NXP Semiconductors TDF8704 Datasheet HTML 7Page - NXP Semiconductors TDF8704 Datasheet HTML 8Page - NXP Semiconductors TDF8704 Datasheet HTML 9Page - NXP Semiconductors TDF8704 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
June 1994
6
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDF8704
CHARACTERISTICS (see Tables 1 and 2)
VCCA = V7 to V6 = 4.75 to 5.25 V; VCCD = V18 to V17 = 4.75 to 5.25 V; VCCO = V19 and V21 to V20 = 4.75 to 5.25 V; AGND
and DGND shorted together; VCCA to VCCD = −0.25 to +0.25 V; VCCO to VCCD = −0.25 to +0.25 V;
VCCA to VCCD = −0.25 to +0.25 V; Tamb = −40 to +85 °C; typical readings taken at VCCA =VCCD = 5 V and Tamb =25 °C;
unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output stages supply voltage
4.75
5.0
5.25
V
ICCA
analog supply current
−
37
46
mA
ICCD
digital supply current
−
23
35
mA
ICCO
output stages supply current
all outputs LOW
−
16
21
mA
Inputs
CLOCK INPUT CLK (REFERENCED TO DGND)
VIL
LOW level input voltage
0
−
0.8
V
VIH
HIGH level input voltage
2.0
−
VCCD
V
IIL
LOW level input current
Vclk = 0.4 V
−400
−−µA
IIH
HIGH level input current
Vclk = 2.7 V
−−
100
µA
Vclk =VCCD
−−
300
µA
ZI
input impedance
fclk = 50 MHz
−
2
−
k
Ω
CI
input capacitance
fclk = 50 MHz
−
4.5
−
pF
VI (ANALOG INPUT VOLTAGE REFERENCED TO AGDN; SEE FIGS 3 AND 4 AND TABLE 1)
VI(B)
input voltage (BOTTOM)
1.21
1.25
1.29
V
VI(0)
input voltage
output code = 0
1.42
1.48
1.51
V
Vos(B)
offset voltage (BOTTOM)
VI(0) to VI(B)
210
225
240
V
VI(T)
input voltage (TOP)
3.37
3.46
3.58
V
VI(255)
input voltage
output code = 255
3.14
3.22
3.30
V
Vos(T)
offset voltage (TOP)
VI(T) to VI(255)
225
240
255
V
VI(p-p)
input voltage amplitude
(peak-to-peak value)
1.69
1.74
1.79
V
IL
load current on VRT and VRB
−300
−
+300
µA
IIL
LOW level input current
VI = 1.25 V
−
0
−µA
IIH
HIGH level input current
VI = 3.46 V
40
150
400
µA
ZI
input impedance
fi = 4.43 MHz
−
10
−
k
Ω
CI
input capacitance
fi = 4.43 MHz
−
14
−
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com