Electronic Components Datasheet Search
  English  ▼

X  

TDF8704 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDF8704
Description  8-bit high-speed analog-to-digital converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8704 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDF8704 Datasheet HTML 8Page - NXP Semiconductors TDF8704 Datasheet HTML 9Page - NXP Semiconductors TDF8704 Datasheet HTML 10Page - NXP Semiconductors TDF8704 Datasheet HTML 11Page - NXP Semiconductors TDF8704 Datasheet HTML 12Page - NXP Semiconductors TDF8704 Datasheet HTML 13Page - NXP Semiconductors TDF8704 Datasheet HTML 14Page - NXP Semiconductors TDF8704 Datasheet HTML 15Page - NXP Semiconductors TDF8704 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
June 1994
12
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDF8704
Fig.8 Analog input settling-time diagram.
handbook, full pagewidth
MBD869
50 %
STLH
t
2 ns
code 0
code 255
I
50 %
0.5 ns
50 %
2 ns
STHL
t
50 %
0.5 ns
CLK
V
Fig.9 Fast Fourier Transform (fclk = 20 MHz; fi = 1.25 MHz).
Effective bits: 7.89; THD =
−61.05 dB.
Harmonic levels (dB): 2nd =
−84.07; 3rd = −62.50; 4th = −92.01; 5th = −66.56; 6th = −101.15.
handbook, full pagewidth
3.74
0
120
0
1.25
2.49
MBD870
40
80
8.72
4.98
6.23
7.47
9.96
f (MHz)
100
20
60
amplitude
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com