Electronic Components Datasheet Search
  English  ▼

X  

GSC2128 Datasheet(PDF) 3 Page - GTM CORPORATION

Part # GSC2128
Description  CMOS LOW DROPOUT VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC2128 Datasheet(HTML) 3 Page - GTM CORPORATION

  GSC2128 Datasheet HTML 1Page - GTM CORPORATION GSC2128 Datasheet HTML 2Page - GTM CORPORATION GSC2128 Datasheet HTML 3Page - GTM CORPORATION GSC2128 Datasheet HTML 4Page - GTM CORPORATION GSC2128 Datasheet HTML 5Page - GTM CORPORATION GSC2128 Datasheet HTML 6Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
ISSUED DATE :2005/06/21
REVISED DATE :2005/10/04B
Ordering Information ( contd. )
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
GSC2128-15
8B152
XXXX
1.5V
GSC2128-18
8B182
XXXX
1.8V
GSC2128-25
8B252
XXXX
2.5V
GSC2128-33
8B332
XXXX
3.3V
GSC2128-47
8B472
XXXX
4.75V
GSC2128-50
8B502
XXXX
5.0V
Characteristics Curve



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com