Electronic Components Datasheet Search
  English  ▼

X  

GSC2128 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSC2128
Description  CMOS LOW DROPOUT VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC2128 Datasheet(HTML) 1 Page - GTM CORPORATION

  GSC2128 Datasheet HTML 1Page - GTM CORPORATION GSC2128 Datasheet HTML 2Page - GTM CORPORATION GSC2128 Datasheet HTML 3Page - GTM CORPORATION GSC2128 Datasheet HTML 4Page - GTM CORPORATION GSC2128 Datasheet HTML 5Page - GTM CORPORATION GSC2128 Datasheet HTML 6Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
ISSUED DATE :2005/06/21
REVISED DATE :2005/10/04B
G
G S
S C
C 22112288
C
C M
M O
O S
S L
L o
o w
w D
D rr o
o p
p o
o u
u tt V
V o
o ll tt aa g
g ee R
R ee g
g u
u ll aa tt o
o rr
Description
The GSC2128 series of positive, linear regulators feature low quiescent current (45 A typ.) with low dropout
voltage, making them ideal for battery applications.
Output voltages are set at the factory and trimmed to 1.5% accuracy.
These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under
the “Worst” of operating conditions.
In applications requiring a low noise, regulated supply, place a 1000pF capacitor between Bypass and Ground.
The GSC2128 is stable with an output capacitance of 4.7 F or greater.
Features
Functional Block Diagram
&Very Low Dropout Voltage
&Guaranteed 1.5A output
&Over-Temperature Shutdown
&Current Limiting
&Short Circuit Current Fold-back
&Highly Accurate± 1.5%
&Low ‡Temperature Coefficient
&Noise Reduction Bypass Capacitor
&Power-Saving Shutdown Mode
Applications
&Battery Powered Widgets
&Instrumentation
&Wireless Devices
&PC Peripherals
&Portable Electronics
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0 C
8 C
J
0.375 REF.
E
0.40
0.90
K
45 C
F
0.19
0.25
G
1.27 TYP.
Typical Application Circuit


Similar Part No. - GSC2128

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSC2128 ETL-GSC2128 Datasheet
584Kb / 6P
C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2128-15 ETL-GSC2128-15 Datasheet
584Kb / 6P
C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2128-25 ETL-GSC2128-25 Datasheet
584Kb / 6P
C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2128-47 ETL-GSC2128-47 Datasheet
584Kb / 6P
C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
More results

Similar Description - GSC2128

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S818 SII-S818 Datasheet
366Kb / 23P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
CMOS Low Dropout Voltage Regulator
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2129 GTM-GSC2129 Datasheet
552Kb / 6P
CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 SII-S-818_1 Datasheet
525Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com