Electronic Components Datasheet Search
  English  ▼

X  

GSC2596M Datasheet(PDF) 3 Page - GTM CORPORATION

Part # GSC2596M
Description  150 KHz, 2A PWM Step-Down DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC2596M Datasheet(HTML) 3 Page - GTM CORPORATION

  GSC2596M Datasheet HTML 1Page - GTM CORPORATION GSC2596M Datasheet HTML 2Page - GTM CORPORATION GSC2596M Datasheet HTML 3Page - GTM CORPORATION GSC2596M Datasheet HTML 4Page - GTM CORPORATION GSC2596M Datasheet HTML 5Page - GTM CORPORATION GSC2596M Datasheet HTML 6Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GSC2596M
Page: 3/6
ISSUED DATE :2006/03/08
REVISED DATE :2006/05/17B
All Output Voltage Version Electrical Characteristics
Specifications in boldface type are for full operating temperature range. The other type are for TJ=25 : .
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Feedback bias current
IFB
VFB=1.3V (adjustable version only)
-
-10
-50/-100
nA
Oscillator frequency
FOSC
127/110
150
173/173
kHz
Oscillator frequency of
short circuit protect
FSCP When current limit occurred and
VFB<0.5V, TA=25 : .
5
15
25
kHz
Saturation voltage
VSAT I
LOAD
=2A No outside circuit
VFB=0V force drive on
-
1.25
1.4/1.5
V
Max. duty cycle (ON)
VFB=0V force drive on
-
100
-
Max. duty cycle (OFF)
DC
VFB=12V force drive off
-
0
-
%
Current limit
ICL
Peak current No outside circuit
VFB=0V force drive on
3
-
-
A
Output=0V, No outside circuit
VFB=12V force drive off
-
-
-200
uA
Output leakage current
IL
Output=-1V, VIN=22V
-
-5
-
mA
Quiescent current
IQ
VFB=12V force drive off
-
5
10
mA
VIL
Low (Regulator ON)
-
-
-
0.6
ON/OFF pin logic input
Threshold Voltage
VIH
High (Regulator OFF)
2.0
-
-
V
ON/OFF pin Logic input
current
IH
VLOGIC=2.5V ( Regulator OFF)
-
-
-0.01
ON/OFF pin input
current
IL
VLOGIC=0.5V ( Regulator ON)
-
-0.1
-1
uA
Standby quiescent
current
ISTBY ON/OFF pin=5V, VIN=12V
-
150
200
uA
JC
Junction to Case
-
15
-
Thermal Resistance
JA
Junction to Ambient with copper
area of approximately 3 in2
-
70
-
: /W
Unless otherwise specified, VIN=12V for 3.3V, 5V, adjustable version and VIN=18V for the 12V version. ILOAD=0.5A
Function Description
The SOP-8 package needs a heat sink under most conditions. The size of the heat sink depends on the input voltage, the output voltage,
the load current and the ambient temperature. The GSC2596M junction temperature rises above ambient temperature with a 2A load and
different input and output voltages. The data for these curves was taken with the GSC2596M operating as a buck-switching regulator in an
ambient temperature of 25 : (still air). These temperature rise numbers are all approximate and there are many factors that can affect
these temperatures. Higher ambient temperatures require more heat sinking.
For the best thermal performance, wide copper traces and generous amounts of printed circuit board copper should be used in the board
layout. (One exception to this is the output (switch) pin, which should not have large areas of copper.) Large areas of copper provide the
best transfer of heat (lower thermal resistance) to the surrounding air, and moving air lowers the thermal resistance even further.
Package thermal resistance and junction temperature rise numbers are all approximate, and there are many factors will affect these
numbers. Some of these factors include board size, shape, thickness, position, location and even board temperature. Other factors are,
trace width, total printed circuit copper area, copper thickness, single or double-sided, multi-layer board and the amount of solder on the
board. The effectiveness of the PC board to dissipate heat also depends on the size, quantity and spacing of other components on the
board, as well as the surrounding air is still or moving. Furthermore, some of these components such as the catch diode will add heat to
the PC board and the heat can vary as the input voltage changes. For the inductor, depending on the physical size, type of core material
and the DC resistance, it could either act as a heat sink taking heat away from the board, or it could add heat to the board.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com