Electronic Components Datasheet Search
  English  ▼

X  

GSC2596M Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSC2596M
Description  150 KHz, 2A PWM Step-Down DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC2596M Datasheet(HTML) 1 Page - GTM CORPORATION

  GSC2596M Datasheet HTML 1Page - GTM CORPORATION GSC2596M Datasheet HTML 2Page - GTM CORPORATION GSC2596M Datasheet HTML 3Page - GTM CORPORATION GSC2596M Datasheet HTML 4Page - GTM CORPORATION GSC2596M Datasheet HTML 5Page - GTM CORPORATION GSC2596M Datasheet HTML 6Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GSC2596M
Page: 1/6
ISSUED DATE :2006/03/08
REVISED DATE :2006/05/17B
G
G S
S C
C 22559966M
M
150 KHz, 2A PWM Step-Down DC/DC Converter
Description
The GSC2596M series of regulators are monolithic integrated circuit that provides all active functions for a step-down (buck) switching
regulator, capable of driving 2A load with excellent line and load regulation. These devices are available in fixed output voltages of 3.3v, 5v,
12v and an adjustable output version. The GSC2596M series operate at a switching frequency of 150 kHz; thus allowing smaller sized
filter components than what would be needed with lower frequency switching regulators. The chips are available in a standard 8-lead
SOP-8 package. Other feature include a guaranteed D4% to tolerance on output voltage under specified input voltages and output load
conditions. The 150 kHz D15% is on the oscillator frequency. External shutdown is included, featuring 80uA (Typ.) standby current. The
output switch includes cycle-by cycle current limiting, as well as thermal shutdown for full protection under fault conditions.
Features
&3.3V, 5.0V, 12V and adjustable output versions
&Guaranteed 2A output current
&Operating voltage can be up to 22V
&150kHz fixed frequency internal oscillator
&Built-in TTL On/Off control
&TTL Shutdown Capability
&Uses readily available standard inductors
&Thermal shutdown and current limit protection
Applications
&High-efficiency step-down regulator
&One-ch switching regulators simple
&Positive to negative converter
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0°
8°
J
0.375 REF.
E
0.40
0.90
K
45°
F
0.19
0.25
G
1.27 TYP.
Block Diagram


Similar Part No. - GSC2596M

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GSC25 SLPOWER-GSC25 Datasheet
246Kb / 2P
25 Watt Global Performance Switchers
GSC25A SLPOWER-GSC25A Datasheet
246Kb / 2P
25 Watt Global Performance Switchers
GSC25B SLPOWER-GSC25B Datasheet
246Kb / 2P
25 Watt Global Performance Switchers
logo
Mean Well Enterprises C...
GSC25B MEANWELL-GSC25B Datasheet
107Kb / 4P
25W Single Output LED Power Supply
logo
SL Power Electronics
GSC25D SLPOWER-GSC25D Datasheet
246Kb / 2P
25 Watt Global Performance Switchers
More results

Similar Description - GSC2596M

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5E2596M GTM-G5E2596M Datasheet
618Kb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
G5J2596M GTM-G5J2596M Datasheet
620Kb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
G5U2596M GTM-G5U2596M Datasheet
616Kb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
logo
SeCoS Halbleitertechnol...
S5E2596M SECOS-S5E2596M Datasheet
1Mb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
S5J2596M SECOS-S5J2596M Datasheet
1Mb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
S5U2596M SECOS-S5U2596M Datasheet
1Mb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE150X ACE-ACE150X Datasheet
714Kb / 13P
150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
logo
Unisonic Technologies
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696_1109 UTC-P1696_1109 Datasheet
223Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696_13 Datasheet
248Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com