Electronic Components Datasheet Search
  English  ▼

X  

IRPLLNR3 Datasheet(PDF) 7 Page - International Rectifier

Part # IRPLLNR3
Description  Universal Input Linear Fluorescent Ballast using the IR2167
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLNR3 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRPLLNR3 Datasheet HTML 3Page - International Rectifier IRPLLNR3 Datasheet HTML 4Page - International Rectifier IRPLLNR3 Datasheet HTML 5Page - International Rectifier IRPLLNR3 Datasheet HTML 6Page - International Rectifier IRPLLNR3 Datasheet HTML 7Page - International Rectifier IRPLLNR3 Datasheet HTML 8Page - International Rectifier IRPLLNR3 Datasheet HTML 9Page - International Rectifier IRPLLNR3 Datasheet HTML 10Page - International Rectifier IRPLLNR3 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
www.irf.com
7
RPLLNR3
The IR2167 Ballast Control IC is used to program the ballast operating points and protect the ballast
against conditions such as lamp strike failures, low DC bus, thermal overload or lamp failure during
normal operations. It is also used to regulate the DC bus and for power factor control allowing high
power factor and low harmonic distortion.
Power Factor Correction Section
The power factor correction section contained in the IR2167 forms the control for a boost topology
circuit operating in critical conduction mode. This topology is designed to step-up and regulate the
output DC bus voltage while drawing sinusoidal current from the line (low THD) which is “in phase”
with the AC input line voltage (HPF).
Ballast Control Section
The ballast control section of the IR2167 Ballast Control IC contains an oscillator, a high voltage half-
bridge gate driver and lamp fault protection circuitry. Please, refer to the datasheet of this IC for the
block diagram and the state diagram. Following is a breakdown of the operation of the ballast in all of
the different modes of operation. Please, refer to the AN: IRPLLNR2 for the ballast section design
(www.irf.com/Lighting).
Startup Mode
When power is initially applied to the ballast, the voltage on the VCC pin of the IR2167 begins to
charge up. The voltage for the IR2167 is derived from the current supplied from the rectified AC line
through startup resistor RSUPPLY. During this initial startup when the VCC voltage of the IR2167 is
below its rising under-voltage lock-out threshold (11.4V), it is in its UVLO and also its micro-power
mode. The micro-power mode of the IR2167 allows the use of a large value, low wattage startup
resistor (RSUPPLY). When the voltage on the IR2167 reaches the rising under-voltage lockout threshold,
the oscillator is enabled (this assumes that there are no fault conditions) and drives the half-bridge
output MOSFETs (MHS and MLS). When the half-bridge is oscillating, capacitor CSNUB, diodes
DCP1 and DCP2 form a snubber /charge pump circuit which limits the rise and fall time at the half-
bridge output and also supplies the current to charge capacitor CVCC2 to the VCC clamp voltage
(approx. 15.6V) of IR2167. When the rising under-voltage lockout threshold of the IR2167 is reached,
the PFC oscillator starts to oscillate and drive MOSFET MPFC to boost and regulate the bus voltage to
400 VDC. Oscillagraph of the start up of the VCC of the IR2167 DC is shown in figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com