Electronic Components Datasheet Search
  English  ▼

X  

IRPLLNR3 Datasheet(PDF) 8 Page - International Rectifier

Part # IRPLLNR3
Description  Universal Input Linear Fluorescent Ballast using the IR2167
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLNR3 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRPLLNR3 Datasheet HTML 4Page - International Rectifier IRPLLNR3 Datasheet HTML 5Page - International Rectifier IRPLLNR3 Datasheet HTML 6Page - International Rectifier IRPLLNR3 Datasheet HTML 7Page - International Rectifier IRPLLNR3 Datasheet HTML 8Page - International Rectifier IRPLLNR3 Datasheet HTML 9Page - International Rectifier IRPLLNR3 Datasheet HTML 10Page - International Rectifier IRPLLNR3 Datasheet HTML 11Page - International Rectifier IRPLLNR3 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
www.irf.com
IRPLLNR3
I
Preheat Mode
When the ballast reaches the end of the UVLO mode, the Preheat mode is entered. At this point the
ballast control oscillator of the IR2167 has begun to operate and the half-bridge output is driving the
resonant load (lamp) circuit. The ballast control section oscillator of the IR2167 is similar to oscillators
found in many popular PWM voltage regulator ICs and consists of a timing capacitor and resistor
connected to ground. Resistors RT and RPH program a current which determines the ramp up time
of capacitor CT and resistor RDT determines the ramp down time. The downward ramping time of CT
is the dead time between the switching off of the LO (HO) and the switching on of the HO (LO) pins on
the IR2167. The Preheat mode frequency of oscillation is selected such that the voltage appearing
across the lamp is below the minimum lamp ignition voltage while supplying enough current to preheat
the lamp filaments to the correct emission temperature within the Preheat mode period. The preheat-
ing of the lamp filaments is performed with a constant voltage during the Preheat mode. The wave-
form in Figure 2 shows the lamp filament current while Figure 3 shows lamp filament voltage during
the normal Startup, Preheat and Ignition Ramp modes of the ballast.
Figure 1:
Top trace: Half-bridge output voltage
Middle trace: Bus Voltage
Bottom trace: VCC of the IR2167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com