Electronic Components Datasheet Search
  English  ▼

X  

MBRB1535CT Datasheet(PDF) 2 Page - International Rectifier

Part # MBRB1535CT
Description  SCHOTTKY RECTIFIER 15 Amp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRB1535CT Datasheet(HTML) 2 Page - International Rectifier

  MBRB1535CT Datasheet HTML 1Page - International Rectifier MBRB1535CT Datasheet HTML 2Page - International Rectifier MBRB1535CT Datasheet HTML 3Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBRB1535CT, MBRB1545CT
PD-2.562 05/98
2
www.irf.com
T
J
Max.JunctionTemperatureRange
-65to150
°C
T
stg
Max.StorageTemperatureRange
-65to175
°C
R
thJC
Max.ThermalResistanceJunction
3.0
°C/W DCoperation
toCase
wt
ApproximateWeight
2(0.07)
g(oz.)
Case Style
D2Pak (SMD-220)
JEDEC
Thermal-Mechanical Specifications
Parameters
MBRB15..CT
Units
Conditions
* For Additional Informations and Graphs, Please See the 12CTQ...S Series
V
FM
Max. Forward Voltage Drop
0.84
V
@ 15A
(Per Leg)
(1)
0.57
V
@ 7.5A
0.72
V
@ 15A
I
RM
Max. Instantaneus Reverse Current
0.1
mA
T
J
= 25 °C
(Per Leg)
(1)
15
mA
T
J
= 125 °C
C
T
Max. Junction Capacitance (Per Leg)
400
pF
V
R
= 5V
DC
, (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
8.0
nH
Measured from top of terminal to mounting plane
dv/dt Max. Voltage Rate of Change
1000
V/ µs
(Rated V
R
)
Electrical Specifications
Parameters
MBRB15..CT
Units
Conditions
T
J
= 125 °C
T
J
= 25 °C
Rated DC voltage
(1) Pulse Width < 300µs, Duty Cycle <2%
I
F(AV)
Max.AverageForward
(Per Leg)
7.5
Current
(PerDevice)
15
I
FSM
Max.PeakOneCycleNonRepetitive
690
5µs Sine or 3µs Rect. pulse
Surgeappliedatratedloadconditionhalfwavesingle
phase60Hz
I
RRM
PeakRepetitiveReverse
1.0
A
2.0 µsec 1.0 KHz
SurgeCurrent (PerLeg)
Absolute Maximum Ratings
Parameters
MBRB15..CT
Units
Conditions
Following any rated load
condition and with rated
V
RRM
applied
150
A
Part number
MBRB1535CT
MBRB1545CT
V
R
Max. DC Reverse Voltage (V)
V
RWM
Max. Working Peak Reverse Voltage (V)
35
45
Voltage Ratings
SurgeCurrent (PerLeg)
@T
C
=105°C,(RatedV
R
)
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com