Electronic Components Datasheet Search
  English  ▼

X  

MBRB1535CT Datasheet(PDF) 1 Page - International Rectifier

Part # MBRB1535CT
Description  SCHOTTKY RECTIFIER 15 Amp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRB1535CT Datasheet(HTML) 1 Page - International Rectifier

  MBRB1535CT Datasheet HTML 1Page - International Rectifier MBRB1535CT Datasheet HTML 2Page - International Rectifier MBRB1535CT Datasheet HTML 3Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY RECTIFIER
15 Amp
MBRB1535CT
MBRB1545CT
PD-2.562 05/98
1
www.irf.com
Major Ratings and Characteristics
I
F(AV)
Rectangular
15
A
waveform
V
RRM
35/45
V
I
FSM
@ tp = 5 µs sine
690
A
V
F
@7.5Apk,T
J
=125°C
0.57
V
(PerLeg)
T
J
-65to150
°C
Characteristics
MBRB15..CT Units
Description/Features
The MBRB15..CT center tap Schottky rectifier has been opti-
mized for low reverse leakage at high temperature. The
proprietary barrier technology allows for reliable operation up to
150° C junction temperature. Typical applications are in
switching power supplies, converters, free-wheeling diodes,
and reverse battery protection.
150° C T
J
operation
D2Pak (SMD-220) package
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Dimensions in millimeters and inches
Conform to JEDEC outline D2Pak (SMD-220)
10.16 (0.40)
REF.
8.89 (0.35)
4.57 (0.18)
4.32 (0.17)
0.61 (0.02) MAX .
5.08 (0.20) REF.
1.32 (0.05)
1.22 (0.05)
13
6.47 (0.25)
6.18 (0.24)
93°
RE F.
2.61 (0.10)
2.32 (0.09)
5.28 (0.21)
4.78 (0.19)
4.69 (0.18)
4.20 (0.16)
0.55 (0.02)
0.46 (0.02)
14.73 (0.58)
15.49 (0.61)
1.40 (0.055)
1.14 (0.045)
3X
0.93 (0.37)
0.69 (0.27)
2X
11.43 (0.45)
17.78 (0.70)
8.89 (0.35)
3.81 (0.15)
2.08 (0.08)
2X
2.54 (0.10)
2X
MINIMUM RECOMMENDED FOOTP RINT
2
2
BASE
COMMON
CATHODE
123
ANODE
COMMON
CATHODE
ANODE
12
D2Pak (SMD-220)


Similar Part No. - MBRB1535CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRB1535CT DIODES-MBRB1535CT Datasheet
46Kb / 2P
15a SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. B-2
logo
General Semiconductor
MBRB1535CT GE-MBRB1535CT Datasheet
100Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRB1535CT MCC-MBRB1535CT Datasheet
100Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Vishay Siliconix
MBRB1535CT VISHAY-MBRB1535CT Datasheet
55Kb / 3P
Dual Schottky Barrier Rectifier
01-Jul-02
MBRB1535CT VISHAY-MBRB1535CT Datasheet
505Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
More results

Similar Description - MBRB1535CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5826 MICROSEMI-1N5826 Datasheet
127Kb / 2P
15 Amp Schottky Rectifier
logo
Solid States Devices, I...
SSR1645-28 SSDI-SSR1645-28 Datasheet
213Kb / 2P
15 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645J SSDI-SSR1645J Datasheet
201Kb / 2P
15 AMP 45 VOLTS SCHOTTKY RECTIFIER
SED15HB60 SSDI-SED15HB60 Datasheet
219Kb / 2P
15 AMP 60 VOLTS SCHOTTKY RECTIFIER
SSR1640A SSDI-SSR1640A Datasheet
50Kb / 2P
15 AMP 40 VOLTS SCHOTTKY RECTIFIER
logo
Microsemi Corporation
1N5826 MICROSEMI-1N5826_07 Datasheet
133Kb / 2P
15 Amp schottky Rectifier
logo
Digitron Semiconductors
1N5826 DIGITRON-1N5826 Datasheet
172Kb / 2P
15 AMP SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR15U45 MCC-MBR15U45 Datasheet
259Kb / 3P
15 Amp Schottky Barrier Rectifier 45 Volts
MBR1545PS MCC-MBR1545PS Datasheet
184Kb / 2P
15 Amp Schottky Barrier Rectifier 45 Volts
MBR15120AULPS MCC-MBR15120AULPS Datasheet
331Kb / 2P
15 Amp Schottky Barrier Rectifier 120 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com