Electronic Components Datasheet Search
  English  ▼

X  

MBR2035CTPBF Datasheet(PDF) 6 Page - International Rectifier

Part # MBR2035CTPBF
Description  SCHOTTKY RECTIFIER 20 Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBR2035CTPBF Datasheet(HTML) 6 Page - International Rectifier

  MBR2035CTPBF Datasheet HTML 1Page - International Rectifier MBR2035CTPBF Datasheet HTML 2Page - International Rectifier MBR2035CTPBF Datasheet HTML 3Page - International Rectifier MBR2035CTPBF Datasheet HTML 4Page - International Rectifier MBR2035CTPBF Datasheet HTML 5Page - International Rectifier MBR2035CTPBF Datasheet HTML 6Page - International Rectifier MBR2035CTPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MBR20..CTPbF Series
Bulletin PD-20866 rev. B 05/06
6
www.irf.com
MBR2045CT
********************************************
*
This model has been developed by
*
*
Wizard SPICE MODEL GENERATOR (1999)
*
*
(International Rectifier Corporation)
*
* Contain Proprietary Information
*
********************************************
* SPICE Model Diode is composed by a
*
* simple diode plus paralled VCG2T
*
********************************************
.SUBCKT MBR2045CT ANO CAT
D1 ANO 1 DMOD (0.03215)
*Define diode model
.MODEL DMOD D(IS=3.22473520069593E-04A,N=1.51153417806053,BV=52V,
+ IBV=0.64831328218128A,RS= 0.00042438,CJO=2.77992867902976E-08,
+ VJ=2.31227489200041,XTI=2, EG=0.682207095559952)
********************************************
*Implementation of VCG2T
VX 1 2 DC 0V
R1 2 CAT TRES 1E-6
.MODEL TRES RES(R=1,TC1=-29.9397914371146)
GP1 ANO CAT VALUE={-ABS(I(VX))*(EXP((((1.396526E-04/-29.93979)*((V(2,CAT)*1E6)/(I(VX)+1E-6)-
1))+1)*4.399843E-02*ABS(V(ANO,CAT)))-1)}
********************************************
.ENDS MBR2045CT
Thermal Model Subcircuit
.SUBCKT MBR2045CT 5 1
CTHERM1
5
4
1.43E+00
CTHERM2
4
3
1.46E+01
CTHERM3
3
2
9.30E+01
CTHERM4
2
1
1.69E+03
RTHERM1
5
4
5.79E-01
RTHERM2
4
3
7.72E-01
RTHERM1
3
2
4.45E-01
RTHERM1
2
1
1.93E-01
.ENDS MBR2045CT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com