Electronic Components Datasheet Search
  English  ▼

X  

MBR2035CTPBF Datasheet(PDF) 1 Page - International Rectifier

Part # MBR2035CTPBF
Description  SCHOTTKY RECTIFIER 20 Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBR2035CTPBF Datasheet(HTML) 1 Page - International Rectifier

  MBR2035CTPBF Datasheet HTML 1Page - International Rectifier MBR2035CTPBF Datasheet HTML 2Page - International Rectifier MBR2035CTPBF Datasheet HTML 3Page - International Rectifier MBR2035CTPBF Datasheet HTML 4Page - International Rectifier MBR2035CTPBF Datasheet HTML 5Page - International Rectifier MBR2035CTPBF Datasheet HTML 6Page - International Rectifier MBR2035CTPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SCHOTTKY RECTIFIER
20 Amp
MBR20..CTPbF Series
Bulletin PD-20866 rev. B 05/06
1
www.irf.com
Major Ratings and Characteristics
I
F(AV) Rectangular waveform
20
A
(Per Device)
I
FRM @ TC = 135°C
20
A
(Per Leg)
V
RRM
35-45
V
I
FSM @ tp = 5 μs sine
1060
A
V
F
@ 10 Apk, T
J = 125°C
0.57
V
T
J
range
- 65 to 150
°C
Characteristics
Values
Units
Description/ Features
This center tap Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150° C junction
temperature. Typical applications are in switching power
supplies, converters, free-wheeling diodes, and reverse
battery protection.
150° C T
J operation
Center tap TO-220 and D2Pak packages
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Lead-Free ("PbF" suffix)
IF(AV) = 20Amp
VR = 35-45V
Case Styles
TO-220
MBR20..CTQPbF
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode


Similar Part No. - MBR2035CTPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR2035CTPBF VISHAY-MBR2035CTPBF Datasheet
111Kb / 6P
Schottky Rectifier, 2 x 10 A
21-Aug-08
MBR2035CTPBF VISHAY-MBR2035CTPBF Datasheet
136Kb / 6P
Schottky Rectifier, 2 x 10 A
16-Mar-10
MBR2035CTPBF VISHAY-MBR2035CTPBF Datasheet
162Kb / 7P
Schottky Rectifier, 2 x 10 A
29-Aug-11
MBR2035CTPBF VISHAY-MBR2035CTPBF_12 Datasheet
162Kb / 7P
Schottky Rectifier, 2 x 10 A
29-Aug-11
More results

Similar Description - MBR2035CTPBF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST2035 MICROSEMI-FST2035 Datasheet
132Kb / 2P
20 AMP SCHOTTKY BARRIER RECTIFIER
FST2050 MICROSEMI-FST2050 Datasheet
131Kb / 2P
20 AMP SCHOTTKY BARRIER RECTIFIER
logo
International Rectifier
MBR20100CTKPBF IRF-MBR20100CTKPBF Datasheet
141Kb / 6P
SCHOTTKY RECTIFIER - 20 Amp
logo
List of Unclassifed Man...
PJ20C40 ETC1-PJ20C40 Datasheet
131Kb / 3P
20 AMP SCHOTTKY BARRIER RECTIFIER
logo
Microsemi Corporation
MS2015 MICROSEMI-MS2015 Datasheet
136Kb / 2P
20 Amp Schottky ORing Rectifier
logo
International Rectifier
20TQ040 IRF-20TQ040_06 Datasheet
282Kb / 7P
SCHOTTKY RECTIFIER 20 Amp
logo
Microsemi Corporation
FST20180 MICROSEMI-FST20180 Datasheet
145Kb / 2P
20 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
MBRB20100CTG IRF-MBRB20100CTG Datasheet
237Kb / 7P
SCHOTTKY RECTIFIER 20 Amp
MBRB2080CTPBF IRF-MBRB2080CTPBF Datasheet
256Kb / 7P
SCHOTTKY RECTIFIER 20 Amp
20CTQ035PBF IRF-20CTQ035PBF Datasheet
180Kb / 6P
SCHOTTKY RECTIFIER 20 Amp
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com