Electronic Components Datasheet Search
  English  ▼

X  

HA16158P Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA16158P
Description  PFC & PWM Control IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16158P Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA16158P Datasheet HTML 9Page - Renesas Technology Corp HA16158P Datasheet HTML 10Page - Renesas Technology Corp HA16158P Datasheet HTML 11Page - Renesas Technology Corp HA16158P Datasheet HTML 12Page - Renesas Technology Corp HA16158P Datasheet HTML 13Page - Renesas Technology Corp HA16158P Datasheet HTML 14Page - Renesas Technology Corp HA16158P Datasheet HTML 15Page - Renesas Technology Corp HA16158P Datasheet HTML 16Page - Renesas Technology Corp HA16158P Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
HA16158P/FP
Rev.2.00 Jan 30, 2007 page 13 of 23
3. Soft Start Circuit (for PFC Control)
This function gradually increases the pulse width of the PFC-OUT pin from a 0% duty cycle at start-up to prevent a
sudden increase in the pulse width that may cause problems such as transient stress on external parts or overshoot of the
PFC output voltage (B+ voltage).
The soft start time can easily be set with a single external capacitance.
V_ramp
(internal signal)
PFC-SS
comp. out
(internal signal)
PFC-OUT
3.4V
V_PFC-SS
Figure 3
Soft start time tss-pfc is determined by PFC-SS pin connection capacitance Css-pfc and an internal constant, and can be
estimated using the equation shown below.
Soft start time tss-pfc is the time until the PFC-SS pin voltage reaches lower-end voltage 0.65 V of the IC-internal
RAMP voltage waveform after VREF starts up following UVLO release.
Soft start time tss-pfc when Css-pfc is 3.3 nF is given by the following equation.
tss-pfc =
* Iss-pfc: PFC-SS pin sink current, 25
µA typ.
≈ 5.7 [ms]
=
Css-pfc
× (VREF − Vramp-L)
Iss-pwm
33 [nF]
× (5 − 0.65)
25 [
µA]
In addition, when you do not use a soft start function, please ground this terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com