Electronic Components Datasheet Search
  English  ▼

X  

HA16158P Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HA16158P
Description  PFC & PWM Control IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16158P Datasheet(HTML) 2 Page - Renesas Technology Corp

  HA16158P Datasheet HTML 1Page - Renesas Technology Corp HA16158P Datasheet HTML 2Page - Renesas Technology Corp HA16158P Datasheet HTML 3Page - Renesas Technology Corp HA16158P Datasheet HTML 4Page - Renesas Technology Corp HA16158P Datasheet HTML 5Page - Renesas Technology Corp HA16158P Datasheet HTML 6Page - Renesas Technology Corp HA16158P Datasheet HTML 7Page - Renesas Technology Corp HA16158P Datasheet HTML 8Page - Renesas Technology Corp HA16158P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
HA16158P/FP
Rev.2.00 Jan 30, 2007 page 2 of 23
Pin Arrangement
(Top view)
1
2
3
4
5
6
7
8
PWM-CS
PWM-COMP
PWM-SS
PFC-SS
PFC-EO
PFC-FB
IAC
RT
16
15
14
13
12
11
10
9
GND
PWM-OUT
PFC-OUT
VCC
PFC-ON
VREF
CAO
PFC-CS
Pin Functions
Pin No.
Pin Name
Pin Functions
1
GND
Ground
2
PWM-OUT
Power MOS FET driver output (PWM control)
3
PFC-OUT
Power MOS FET driver output (PFC control)
4
VCC
Supply voltage
5
PFC-ON
PFC function on/off signal input
6
VREF
Reference voltage
7
CAO
Average current control error amplifier output
8
PFC-CS
PFC control current sense signal input
9
RT
Operating frequency setting timing resistance connection
10
IAC
Multiplier reference current input
11
PFC-FB
PFC control error amplifier input
12
PFC-EO
PFC control error amplifier output
13
PFC-SS
PFC control soft start time setting capacitance connection
14
PWM-SS
PWM control soft start time setting capacitance connection
15
PWM-COMP
PWM control voltage feedback
16
PWM-CS
PWM control current sense signal input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com