Electronic Components Datasheet Search
  English  ▼

X  

HA13166H Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HA13166H
Description  Multiple Voltage Regulator for Car Audio
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA13166H Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HA13166H Datasheet HTML 3Page - Renesas Technology Corp HA13166H Datasheet HTML 4Page - Renesas Technology Corp HA13166H Datasheet HTML 5Page - Renesas Technology Corp HA13166H Datasheet HTML 6Page - Renesas Technology Corp HA13166H Datasheet HTML 7Page - Renesas Technology Corp HA13166H Datasheet HTML 8Page - Renesas Technology Corp HA13166H Datasheet HTML 9Page - Renesas Technology Corp HA13166H Datasheet HTML 10Page - Renesas Technology Corp HA13166H Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
HA13166H
Rev.1.00 Jan 16, 2007 page 7 of 18
Electrical Characteristics
(unless otherwise noted, Vcc = 13.2 V, Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Standby current
IST
—
400
600
µA
ACC = 0 V, CTRL = 0 V
CTRL L level (STBY mode)
VCL
0
—
1.0
V
CTRL M level (CD OFF mode)
VCM
2.0
—
3.0
V
CTRL H level (CD ON mode)
VCH
4.0
—
–
V
ANT CTRL L level (ANT OFF mode)
VACL
0
—
2.0
V
ANT CTRL H level (ANT ON mode)
VACH
3.0
—
–
V
Output voltage
Vo1
5.4
5.7
6.0
V
Io1 = 80 mA
Voltage regulation
∆Vo11
—
10
50
mV
Vcc = 10 to 16 V, Io1 = 80 mA
Load regulation
∆Vo12
—
50
100
mV
Io1 = 0 to 80 mA
Minimum I/O voltage
differential
∆Vo13
—
1.0
1.5
V
Io1 = 80 mA
Output current capacity
Io1
100
250
—
mA
Vo1
≥ 5.4 V
VDD
OUT
Ripple rejection ratio
SVR1
50
60
—
dB
f = 100 Hz, Io1 = 80 mA
Output voltage
Vo2
7.6
8.0
8.4
V
Io2 = 1.0 A
Voltage regulation
∆Vo21
—
40
100
mV
Vcc = 10 to 16V, Io2 = 1.0 A
Load regulation
∆Vo22
—
70
150
mV
Io2 = 10m to 1.0 A
Minimum I/O voltage
differential
∆Vo23
—
1.0
1.5
V
Io2 = 1.0 A
Output current capacity
Io2
1.3
2.0
—
A
Vo2
≥ 7.6 V
CD
OUT
Ripple rejection ratio
SVR2
45
50
—
dB
f = 100 Hz, Io2 = 1.0 A
Output voltage
Vo3
8.5
9.0
9.5
V
Io3 = 400 mA
Voltage regulation
∆Vo31
—
30
90
mV
Vcc = 10 to 16 V, Io3 = 400 mA
Load regulation
∆Vo32
—
100
200
mV
Io3 = 10 to 400 mA
Minimum I/O voltage
differential
∆Vo33
—
0.4
0.9
V
Io3 = 400 mA
Output current capacity
Io3
500
850
—
mA
Vo3
≥ 8.5 V
AUDIO
OUT
Ripple rejection ratio
SVR3
40
50
—
dB
f = 100 Hz, Io3 = 400 mA
Output voltage
Vo4
9.5
10.0
10.5
V
Io4 = 400 mA
Voltage regulation
∆Vo41
—
40
100
mV
Vcc = 12.5 to 16 V, Io4 = 400 mA
Load regulation
∆Vo42
—
50
100
mV
Io4 = 10 to 400 mA
Minimum I/O voltage
differential
∆Vo43
—
1.0
1.5
V
Io4 = 400 mA
Output current capacity
Io4
500
900
—
mA
Vo4
≥ 9.5 V
ILM
OUT
Ripple rejection ratio
SVR4
32
40
—
dB
f = 100 Hz, Io4 = 400 mA
Output voltage
Vo5
3.1
3.3
3.5
V
Io5 = 120 mA
Voltage regulation
∆Vo51
—
10
50
mV
Vcc = 10 to 16 V, Io5 = 120 mA
Load regulation
∆Vo52
—
50
100
mV
Io5 = 0 to 120 mA
Output current capacity
Io5
150
300
—
mA
Vo5
≥ 3.1 V
DSP
OUT
Ripple rejection ratio
SVR5
50
60
—
dB
f = 100 Hz, Io5 = 120 mA
Differential I/O voltage
∆Vo61
—
1.0
1.5
V
Io6 = 300 mA
Load regulation
∆Vo62
—
350
600
mV
Io6 = 10 to 300 mA
EXT
OUT
Output current capacity
Io6
300
500
—
mA
Vo6
≥ 11.7 V
Differential I/O voltage
∆Vo71
—
1.0
1.5
V
Io7 = 300 mA
Load regulation
∆Vo72
—
350
600
mV
Io7 = 10 to 300 mA
ANT
OUT
Output current capacity
Io7
300
500
—
mA
Vo7
≥ 11.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com