Electronic Components Datasheet Search
  English  ▼

X  

HA13166H Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HA13166H
Description  Multiple Voltage Regulator for Car Audio
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA13166H Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HA13166H Datasheet HTML 4Page - Renesas Technology Corp HA13166H Datasheet HTML 5Page - Renesas Technology Corp HA13166H Datasheet HTML 6Page - Renesas Technology Corp HA13166H Datasheet HTML 7Page - Renesas Technology Corp HA13166H Datasheet HTML 8Page - Renesas Technology Corp HA13166H Datasheet HTML 9Page - Renesas Technology Corp HA13166H Datasheet HTML 10Page - Renesas Technology Corp HA13166H Datasheet HTML 11Page - Renesas Technology Corp HA13166H Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
HA13166H
Rev.1.00 Jan 16, 2007 page 8 of 18
Electrical Characteristics (cont.)
(unless otherwise noted, Vcc = 13.2 V, Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Output voltage
Vo8
4.6
5.0
5.4
V
Io8 = 80 mA, VDD = no load
SW5V
OUT
Output current capacity
Io8
100
300
—
mA
Vo8
≥ 4.6 V
Output voltage
Vo9
4.6
5.0
5.4
V
Io9 = 40 mA, VDD = no load
Output current capacity
Io9
100
300
—
mA
Vo9
≥ 4.6 V
Rise threshold voltage
VTHH9
2.6
2.8
3.0
V
ACC
OUT
Hysteresis range
∆VTH9
0.2
0.3
0.4
V
Evaluation Circuit
1
EXT
OUT
HA13166H
2
ANT
OUT
3
ACC
IN
4
VDD
OUT
5
SW5V
OUT
6
COMP
OUT
7
ANT
CTRL
8
VCC
9
DSP
OUT
10
AUDIO
OUT
11
CTRL
12
CD
OUT
13
ILM
AJ
14
ILM
OUT
15
GND
EXT
ANT
ACC
VDD
SW5V
COMP
ANT CTRL VCC
DSP
AUDIO
CTRL
CD
ILM
SW1
SW2 SW3
SW4
C7
0.1
µF
R2
3.3 k
Ω
C6
100
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
C11
C8
C3
C2
C1
C9
C10
10
µF
0.1
µF
0.1
µF
5V
+
+
R3
3.3 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com