Electronic Components Datasheet Search
  English  ▼

X  

MD3880 Datasheet(PDF) 2 Page - Supertex, Inc

Part # MD3880
Description  4-Channel Low-Noise Amplifi er
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD3880 Datasheet(HTML) 2 Page - Supertex, Inc

  MD3880 Datasheet HTML 1Page - Supertex, Inc MD3880 Datasheet HTML 2Page - Supertex, Inc MD3880 Datasheet HTML 3Page - Supertex, Inc MD3880 Datasheet HTML 4Page - Supertex, Inc MD3880 Datasheet HTML 5Page - Supertex, Inc MD3880 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
MD3880
Ordering Information
Device
Package Option
84-Lead BCC+
7x7mm body,
0.80mm height (max.),
0.50mm pitch
MD3880
MD3880B2-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
DD, positive supply
-0.5V to +3.5V
V
IN, any input pin voltage range
-0.5V to V
DD
Operating temperature
-40°C to +85°C
Storage temperature
-65°C to +150°C
Power dissipation
2.0W
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Operating Supply Voltages
(Over operating conditions unless otherwise specified, V
DD = +2.5V, TA = 25°C)
Sym
Parameter
Min
Typ
Max
Units
Conditions
V
DD
Power supply
2.375
2.5
2.625
V
T
A = -40°C to +85°C
I
DDQ
V
DD supply current
-
-
45
mA
Power down, PDC=1, total of all channels
I
DD
V
DD supply current
-
75
-
mA
PDC = 0
PWR
Power dissipation
-
700
-
mW
Total of all channels
-
175
-
mW
Per channel
PSRR
PSRR
-
-60
-
dB
f = 100kHz
Logic Data and Clock Inputs Characteristics
(Over operating conditions unless otherwise specified, V
DD = +2.5V, TA = 25°C)
Sym
Parameter
Min
Typ
Max
Units
Conditions
V
IH
Input logic high voltage
0.8V
DD
-V
DD
V
---
V
IL
Input logic low voltage
0
-
0.2V
DD
V
---
I
IH
Input logic high current
-
-
1.0
µA
---
I
IL
Input logic low current
-1.0
-
-
µA
---
C
IN
Input logic pin capacitance
-
10
-
pF
---
A44
B40
B32
A35
A22
B20
A13
B12
A12
B11
A1
B1
A23
B21
A34
B31
Pin A1
Mark
84-Lead BCC+
(Top View)
Product Marking
YYWW
MD3880B2
LLLLLLLLL
L = Lot Number
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
Pin Configuration
84-Lead BCC+ Package



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com